Electronic Components Datasheet Search
  English  ▼

X  

STP120NF04 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STP120NF04
Description  N-channel 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP120NF04 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STP120NF04_06 Datasheet HTML 6Page - STMicroelectronics STP120NF04_06 Datasheet HTML 7Page - STMicroelectronics STP120NF04_06 Datasheet HTML 8Page - STMicroelectronics STP120NF04_06 Datasheet HTML 9Page - STMicroelectronics STP120NF04_06 Datasheet HTML 10Page - STMicroelectronics STP120NF04_06 Datasheet HTML 11Page - STMicroelectronics STP120NF04_06 Datasheet HTML 12Page - STMicroelectronics STP120NF04_06 Datasheet HTML 13Page - STMicroelectronics STP120NF04_06 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Test circuit
STP120NF04
10/14
3
Test circuit
Figure 18. Switching times test circuit for
resistive load
Figure 19. Gate charge test circuit
Figure 20. Test circuit for inductive load
switching and diode recovery times
Figure 21. Unclamped Inductive load test
circuit
Figure 22. Unclamped inductive waveform
Figure 23. Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com