Electronic Components Datasheet Search
  English  ▼

X  

CS5165 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS5165
Description  5?묪it Synchronous CPU Buck Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5165 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS5165 Datasheet HTML 2Page - ON Semiconductor CS5165 Datasheet HTML 3Page - ON Semiconductor CS5165 Datasheet HTML 4Page - ON Semiconductor CS5165 Datasheet HTML 5Page - ON Semiconductor CS5165 Datasheet HTML 6Page - ON Semiconductor CS5165 Datasheet HTML 7Page - ON Semiconductor CS5165 Datasheet HTML 8Page - ON Semiconductor CS5165 Datasheet HTML 9Page - ON Semiconductor CS5165 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
CS5165
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < +70°C; 0°C < TJ < +125°C; 8.0 V < VCC < 14 V; 2.8 DAC Code:
(VID4 = VID2 = VID1 = VID0 = 1; VID3 = 0); CGATE(H) and CGATE(L) = 3.3 nF; COFF = 330 pF; CSS = 0.1 μF, unless otherwise specified.)
Threshold Accuracy
Lower Threshold
Upper Threshold
Min
Typ
Max
Min
Typ
Max
Unit
DAC CODE
% of Nominal DAC Output
−12
−8.5
−5.0
5.0
8.5
12
%
VID4
VID3
VID2
VID1
VID0
1
0
0
0
0
3.115
3.239
3.363
3.717
3.841
3.965
V
1
0
0
0
1
3.027
3.148
3.268
3.612
3.732
3.853
V
1
0
0
1
0
2.939
3.056
3.173
3.507
3.624
3.741
V
1
0
0
1
1
2.851
2.965
3.078
3.402
3.515
3.629
V
1
0
1
0
0
2.763
2.873
2.983
3.297
3.407
3.517
V
1
0
1
0
1
2.675
2.782
2.888
3.192
3.298
3.405
V
1
0
1
1
0
2.587
2.690
2.793
3.087
3.190
3.293
V
1
0
1
1
1
2.499
2.599
2.698
2.982
3.081
3.181
V
1
1
0
0
0
2.411
2.507
2.603
2.877
2.973
3.069
V
1
1
0
0
1
2.323
2.416
2.508
2.772
2.864
2.957
V
1
1
0
1
0
2.235
2.324
2.413
2.667
2.756
2.845
V
1
1
0
1
1
2.147
2.233
2.318
2.562
2.647
2.733
V
1
1
1
0
0
2.059
2.141
2.223
2.457
2.539
2.621
V
1
1
1
0
1
1.971
2.050
2.128
2.352
2.430
2.509
V
1
1
1
1
0
1.883
1.958
2.033
2.250
2.322
2.397
V
0
0
0
0
0
1.839
1.912
1.986
2.195
2.268
2.341
V
0
0
0
0
1
1.795
1.867
1.938
2.142
2.213
2.285
V
0
0
0
1
0
1.751
1.821
1.810
2.090
2.159
2.229
V
0
0
0
1
1
1.707
1.775
1.843
2.037
2.105
2.173
V
0
0
1
0
0
1.663
1.729
1.796
1.985
2.051
2.117
V
0
0
1
0
1
1.619
1.684
1.748
1.932
1.996
2.061
V
0
0
1
1
0
1.575
1.638
1.701
1.880
1.942
2.005
V
0
0
1
1
1
1.531
1.592
1.653
1.827
1.888
1.949
V
0
1
0
0
0
1.487
1.546
1.606
1.775
1.834
1.893
V
0
1
0
0
1
1.443
1.501
1.558
1.722
1.779
1.837
V
0
1
0
1
0
1.399
1.455
1.511
1.670
1.725
1.781
V
0
1
0
1
1
1.355
1.409
1.463
1.617
1.671
1.724
V
0
1
1
0
0
1.311
1.363
1.416
1.565
1.617
1.669
V
0
1
1
0
1
1.267
1.318
1.368
1.512
1.562
1.613
V
0
1
1
1
0
1.223
1.272
1.321
1.460
1.508
1.557
V
0
1
1
1
1
1.179
1.226
1.273
1.407
1.454
1.501
V
1
1
1
1
1
1.097
1.141
1.185
1.309
1.353
1.397
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com