Electronic Components Datasheet Search
  English  ▼

X  

CS5165 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS5165
Description  5?묪it Synchronous CPU Buck Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5165 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS5165 Datasheet HTML 3Page - ON Semiconductor CS5165 Datasheet HTML 4Page - ON Semiconductor CS5165 Datasheet HTML 5Page - ON Semiconductor CS5165 Datasheet HTML 6Page - ON Semiconductor CS5165 Datasheet HTML 7Page - ON Semiconductor CS5165 Datasheet HTML 8Page - ON Semiconductor CS5165 Datasheet HTML 9Page - ON Semiconductor CS5165 Datasheet HTML 10Page - ON Semiconductor CS5165 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
CS5165
http://onsemi.com
7
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
PIN SYMBOL
FUNCTION
SO−16L
1, 2, 3, 4, 6
VID0−VID4
Voltage ID DAC input pins. These pins are internally pulled up to 5.0 V if left open. VID4
selects the DAC range. When VID4 is high (logic one), the Error Amp reference range is
2.14 V to 3.45 V with 100 mV increments. When VID4 is low (logic zero), the Error Amp
reference voltage 1.34 V to 2.09 V with 50 mV increments.
5
SS
Soft Start Pin. A capacitor from this pin to LGND sets the Soft Start and fault timing.
7
COFF
Off−Time Capacitor Pin. A capacitor from this pin to LGND sets both the normal and
extended off time.
8
ENABLE
Output Enable Input. This pin is internally pulled up to 1.8 V. A logic Low (< 0.8) on this
pin disables operation and places the CS5165 into a low current sleep mode.
9
VCC
Input Power Supply Pin.
10
GATE(H)
High Side Switch FET driver pin.
11
PGND
High current ground for the GATE(H) and GATE(L) pins.
12
GATE(L)
Low Side Synchronous FET driver pin.
13
PWRGD
Power Good Output. Open collector output drives low when VFB is out of regulation. Ac-
tive when ENABLE input is low.
14
LGND
Reference ground. All control circuits are referenced to this pin.
15
COMP
Error Amp output. PWM Comparator reference input. A capacitor to LGND provides Error
Amp compensation.
16
VFB
Error Amp, PWM Comparator, and Low VFB Comparator feedback input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com