Electronic Components Datasheet Search
  English  ▼

X  

CS5165 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5165
Description  5?묪it Synchronous CPU Buck Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5165 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5165 Datasheet HTML 1Page - ON Semiconductor CS5165 Datasheet HTML 2Page - ON Semiconductor CS5165 Datasheet HTML 3Page - ON Semiconductor CS5165 Datasheet HTML 4Page - ON Semiconductor CS5165 Datasheet HTML 5Page - ON Semiconductor CS5165 Datasheet HTML 6Page - ON Semiconductor CS5165 Datasheet HTML 7Page - ON Semiconductor CS5165 Datasheet HTML 8Page - ON Semiconductor CS5165 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
CS5165
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < +70°C; 0°C < TJ < +125°C; 8.0 V < VCC < 14 V; 2.8 DAC Code:
(VID4 = VID2 = VID1 = VID0 = 1; VID3 = 0); CGATE(H) and CGATE(L) = 3.3 nF; COFF = 330 pF; CSS = 0.1 μF, unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Fault Protection
SS Charge Time
VFB = 0 V
1.6
3.3
5.0
ms
SS Pulse Period
VFB = 0 V
25
100
200
ms
SS Duty Cycle
(Charge Time/Period) × 100
1.0
3.3
6.0
%
SS COMP Clamp Voltage
VFB = 2.7 V; VSS = 0 V
0.50
0.95
1.10
V
VFB Low Comparator
Increase VFB till no SS pulsing and normal Off−time
0.9
1.0
1.1
V
PWM Comparator
Transient Response
VFB = 1.2 to 5.0 V. 500 ns after GATE(H)
(after Blanking time) to GATE(H) = (VCC −1.0 V)
to 1.0 V
−
100
150
ns
Minimum Pulse Width
(Blanking Time)
Drive VFB. 1.2 to 5.0 V upon GATE(H) rising edge
(> VCC − 1.0 V), measure GATE(H) pulse width
50
150
250
ns
COFF
Normal Off−Time
VFB = 2.7 V
1.0
1.6
2.3
μs
Extended Off−Time
VSS = VFB = 0 V
5.0
8.0
12.0
μs
Time−Out Timer
Time−Out Time
VFB = 2.7 V, Measure GATE(H) Pulse Width
10
30
50
μs
Fault Duty Cycle
VFB = 0V
30
50
70
%
Enable Input
ENABLE Threshold
GATE(H) Switching
0.8
1.15
1.30
V
Shutdown delay (Note 3)
ENABLE−to−GATE(H) < 2.0 V
−
3.0
−
μs
Pull−up Current
ENABLE = 0 V
3.0
7.0
15
μA
Pull−up Voltage
No load on ENABLE pin
1.30
1.8
3.0
V
Input Resistance
ENABLE = 5.0 V, R = (5.0 V − VPULLUP)/IENABLE
10
20
50
kΩ
Power Good Output
Low to High Delay
VFB = (0.8 × VDAC) to VDAC
30
65
110
μs
High to Low Delay
VFB = VDAC to (0.8 × VDAC)
30
75
120
μs
Output Low Voltage
VFB = 2.4 V, IPWRGD = 500 μA
−
0.2
0.3
V
Sink Current Limit
VFB = 2.4 V, PWRGD = 1.0 V
0.5
4.0
15.0
mA
3. Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com