Electronic Components Datasheet Search
  English  ▼

X  

ILI2511 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ILI2511
Description  Single Chip Capacitive Touch Sensor Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ILI2511 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ILI2511 Datasheet HTML 1Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 2Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 3Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 4Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 5Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 6Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 7Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 8Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Capacitive Touch Sensor Controller
ILI2511
Page 4 of 18
Version: 1.05
1. Description
The ILI2511 is a single chip capacitive touch sensor controller optimized for POS,
ATM and Industry Capacitive Touch Panel applications. It integrates high speed
Capacitance to Digital Converter (CDC), total 65 channels including high voltage
Driving and Sensing channels, high voltage Charge Pump Controller, high voltage
regulator and 32-bit high performance Micro-controller (MCU). In order to minimize
system design cost, ILI2511 also integrates a USB 5V to 3.3V Low Drop-out
Regulator and supports 1.8V/3.3V input power supply operation for I2C, SPI, UART,
GPIO. With compact QFN-88 package, its package size is 10mm*10mm*1mm and
pad pitch is 0.4mm. ILI2511 meets all Windows 8.1 and Windows 10 requirements
with best user touch experience and highest noise immunity performance.
2. Features
65 channels for capacitive touch panel
Flexible driving or sensing channel assignment
Max TX channel number is 42
Max RX channel number is 41
Programmable driving voltage for driving channels
High voltage charge pump controller with programmable high voltage regulator
High speed ADC converter
Support baseline calibration function
Support mutual-capacitance sensing
Support self-capacitance sensing
Integrated USB5V to 3.3V Low Drop-out Regulator
Support 1.8V and 3.3V Operation of VDDIO for I2C, SPI, UART, GPIO
Built-in noise processing function
Support IEC 61000-4-6 (CS test), Level 3: 10Vrms
Built-in 32-bit high performance Micro-controller (MCU)
Input voltage low level detection circuit
Input voltage power on reset circuit
Driving to Sensing mutual capacitance: 1pF to 4pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com