Electronic Components Datasheet Search
  English  ▼

X  

ILI2511 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ILI2511
Description  Single Chip Capacitive Touch Sensor Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ILI2511 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ILI2511 Datasheet HTML 6Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 7Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 8Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 9Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 10Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 11Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 12Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 13Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Capacitive Touch Sensor Controller
ILI2511
Page 10 of 18
Version: 1.05
5.2 Recommended Operating Conditions
Table 5-2: Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
USB 5V input power supply voltage
VDD5V
4.4
5.5
V
VDD3A to GND
VDD3A
3.0
3.6
V
VDD3D to GND
VDD3D
3.0
3.6
V
VDDIO to GND
VDDIO
1.8
3.6
V
VGH to GND
VGH
-0.3
32
V
VTX to GND
VTX
-0.3
32
V
Operating Ambient Temperature Range
TA
-40
105
ºC
Operating Junction Temperature Range
TJ
-40
125
ºC
Storage Ambient Temperature Range
TST
-40
150
ºC
Note: The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com