Electronic Components Datasheet Search
  English  ▼

X  

ILI2511 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ILI2511
Description  Single Chip Capacitive Touch Sensor Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ILI2511 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ILI2511 Datasheet HTML 5Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 6Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 7Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 8Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 9Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 10Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 11Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 12Page - List of Unclassifed Manufacturers ILI2511 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Capacitive Touch Sensor Controller
ILI2511
Page 9 of 18
Version: 1.05
5. Electrical Characteristics
5.1 Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are for stress ratings. Functional operation of the device at these or any other conditions
beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may remain possibility to affect device reliability.
Table 5-1: Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
USB 5V input power supply voltage
VDD5V
-0.3
6.0
V
VDD3A to GND
VDD3A
-0.3
3.6
V
VDD3D to GND
VDD3D
-0.3
3.6
V
VDDIO to GND
VDDIO
-0.3
3.6
V
VDD16 to GND
VDD16
-0.3
1.65
V
VGH to GND
VGH
-0.3
32
V
VTX to GND
VTX
-0.3
32
V
ESD Susceptibility HBM (Human Body Mode)(Note 1)
HBM
4000
V
ESD Susceptibility MM (Machine Mode)
MM
400
V
Note 1: Devices are ESD sensitive. Handling precaution is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com