Electronic Components Datasheet Search
  English  ▼

X  

IP101GA Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # IP101GA
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GA Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button IP101GA Datasheet HTML 42Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 43Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 44Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 45Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 46Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 47Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 48Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 49Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
IP101G
Data Sheet
Once the negotiation has completed with the other party, IP101G will configure itself to the desired
connection mode, i.e., 10/100Mbps or Half/Full duplex modes. If there is no detection of link pulses
within 1200~1500ms, IP101G will enter Link Fail State and restart auto-negotiation procedure.
The auto-negotiation information is stored in the IP101G’s MII registers. These registers can be modified
and monitor the IP101G’s Auto-Negotiation status. The reset auto-negotiation in register 0 of MII
registers can be set at any time to restart auto-negotiation.
The flow control ability is also included in the IP101G chip. If MAC supports flow control condition, then
flow control will be enabled by setting bit 10 (Pause) of the Register 4.
We can determine the link speed and EEE ability from IP101G’s MII registers. There is an example as
following figure.
Figure 11 IP101G link speed and EEE ability programming guide
5.1.6 Auto-MDIX function
IP101G will keep sensing incoming signal in MDI RX pair, if no incoming signal is detected, IP101G will
switch TX and RX pairs automatically trying to establish connection. IP101G supports this function both
in Auto-Negotiation mode and force mode.
5.2 PHY Address Configuration
IP101GR/IP101GRI PHY Address can be configured to 5’d0, 5’d1 or response any one PHY address
from 5’d2 to 5’d31. IP101G/IP101GA PHY Address can be configured to 5’d0, 5’d1,…, 5’d7 or response
any one PHY address from 5’d8 to 5’d31. This PHY Address configuration is the following table.
46/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com