Electronic Components Datasheet Search
  English  ▼

X  

IP101GA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IP101GA
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IP101GA Datasheet HTML 2Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 3Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 4Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 5Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 6Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 7Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 8Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 9Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
IP101G
Data Sheet
6/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
Revision History
Revision #
Change Description
IP101G-DS-R01
Initial release.
IP101G-DS-R01-20120726 1) Add more description of Register RX2TX_LPBK P1R23[13] for Rx to Tx
loopback test.
2) Add more description on Fiber Mode Setting and latched-in pin signals
on AC Timing.
3) Add IP101AH into the table of features comparison.
IP101G-DS-R01-20120808 1) Correct the I/O type of IP101GA pin description to O(Ouput) for pin24
RXER.
2) Change the pin name from DVDD33_IO to VDDIO.
IP101G-DS-R01-20120821 1) Change the default value of register P16R27 from 0x0022 to 0x0012.
2) Remove I/O Slew Rate Control Register.
3) Change the register location RMII_WITH_ER from P16R29[0] to
P16R29[7].
IP101G-DS-R01-20120927 1) Add more description of low power idle (LPI) state in MII and RMII
modes.
2) Correct the typo of Physical Dimensions.
IP101G-DS-R01-20121101 Change the LED blink timing from “On 80ms -> Off (20~40)ms” to “On 26ms
-> Off 78ms”.
IP101G-DS-R01-20121113 Add more function description to support Jumbo Frame.
IP101G-DS-R01-20121127 Change the LED mode function as same as IP101A.
IP101G-DS-R01-20121224 Add the notice that does not let these PHY address pins floating for the
latched-in settings after the power is ready.
IP101G-DS-R01-20130206 Change the AC timing Tclk_MII_rdy in Table 14 from 10ms Min. to 10ms Max.
IP101G-DS-R01-20130312 1) Add more Min. and Max value on the AC Timing table.
2) Add thermal data on the Table 20.
IP101G-DS-R01-20130507 Add LED Pin Driving Control Register.
IP101G-DS-R01-20130621 Add IP101GRI 2.5V I/O power supply.
IP101G-DS-R01-20130712 Modify WOL+ programming guide.
IP101G-DS-R01-20130830 Modify Magic packet MAC_Address description.
IP101G-DS-R01-20130905 Modify LED Control Register.
IP101G-DS-R01-20130927 Modify MDC clock period can be to 300ns.
IP101G-DS-R01-20131110 Add the symbol "Bottom view" and "Top view" in Physical Dimensions.
IP101G-DS-R01-20131115 Add Equivalent Series Resistance and Drive Level in Crystal Specifications.
IP101G-DS-R01-20140114 1) Make more clear between 100Mbps (25M nibbles/s) and 25M
code-groups/s in Figure 1 Flow chart of IP101G.
2) Change all symbols from “VQFN” to “QFN”.
3) Add the key word “Fiber” in Table 11 I/O Electrical Characteristics.
4) Add register PHY_ADDRESS in Page16 Reg29 bit[12:8].
Disclaimer
This document probably contains the inaccurate data or typographic error. In order to keep this
document correct, IC Plus reserves the right to change or improve the content of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com