Electronic Components Datasheet Search
  English  ▼

X  

IP101GA Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # IP101GA
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GA Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button IP101GA Datasheet HTML 57Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 58Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 59Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 60Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 61Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 62Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 63Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 64Page - List of Unclassifed Manufacturers IP101GA Datasheet HTML 65Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 64 / 65 page
background image
IP101G
Data Sheet
9.2 32-PIN QFN
JEDEC OUTLINE
PACKAGE TYPE
SYMBOLS
MIN.
NOM.
MAX.
A
0.80
0.85
0.90
A1
0.00
0.02
0.05
A3
0.20 REF.
b
0.15
0.20
0.25
D
4.00 RSC
E
4.00 BSC
e
0.40 BSC
L
0.35
0.40
0.45
L1
0.332
0.382
0.432
K
0.20
--
--
E2
D2
LEAD FINISH
JEDEC
CODE
PAD SIZE
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
Pure Tin
PPF
114X114 MIL
2.60
2.70
2.75
2.60
2.70
2.75
V
X
N/A
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. DIMENSION b APPLIES TO MATALLIZED TERMINAL AND IS MEASURED BETWEEN 0.15mm AND 0.30mm FROM THE
TERMINAL TIP. IF THE TERMINAL HAS THE OPTIONAL RADIUS ON THE OTHER END OF THE TERMINAL, THE DIMENSION
b SHOULD NOT BE MEASURED IN THAT RADIUS AREA.
3. BILATERAL COPLANARITY ZONE APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
Figure 25 32-PIN QFN Dimension
64/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com