Electronic Components Datasheet Search
  English  ▼

X  

MIC2208BML Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2208BML
Description  3mmx3mm 1MHz 3A PWM Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2208BML Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2208BML Datasheet HTML 9Page - Micrel Semiconductor MIC2208BML Datasheet HTML 10Page - Micrel Semiconductor MIC2208BML Datasheet HTML 11Page - Micrel Semiconductor MIC2208BML Datasheet HTML 12Page - Micrel Semiconductor MIC2208BML Datasheet HTML 13Page - Micrel Semiconductor MIC2208BML Datasheet HTML 14Page - Micrel Semiconductor MIC2208BML Datasheet HTML 15Page - Micrel Semiconductor MIC2208BML Datasheet HTML 16Page - Micrel Semiconductor MIC2208BML Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Micrel, Inc.
MIC2208
-20
-10
0
10
20
30
40
50
60
70
80
100
1k
10k
100k
1M
Frequency (KHz)
Type II Compensation
-72
-36
0
36
72
108
144
180
216
252
288
VIN=5VIN
VOUT=1.0V
IOUT=3A
MIC2208
Bill of Materials
Item
Part Number
Description
Manufacturer
Qty
C2012JB0J106K
10uF Ceramic Capacitor X5R 0805 6.3V
TDK
GRM219R60J106KE19 10uF Ceramic Capacitor X5R 0805 6.3V
Murata
C1a,C1b
08056D106MAT
10uF Ceramic Capacitor X5R 0805 6.3V
AVX
2
C2
0402ZD104MAT
0.1uF Ceramic Capacitor X5R 0402 10V
AVX
1
C3
0402ZD100MAT
100pF Ceramic Capacitor X5R 0402 10V
AVX
1
C4
TPME477M010R0030
470uF Tantalum Capacitor 10V
AVX
1
D1
SSA33L
3A Schottky 30V SMA
Vishay Semi
1
L1
RLF7030-1R0N6R4
1uH Inductor 8.8mOhm 7.1mm(L) x 6.8mm (W)x 3.2mm(H)
TDK
744 778 9001
1uH Inductor 12mOhm 7.3mm(L)x7.3mm(W)x3.2mm(H)
Wurth Electronik
IHLP2525AH-01 1
1uH Inductor 17.5m
Ω (L)6.47mmx(W)6.86mmx(H) 1.8mm
Vishay Dale
1
R1
CRCW04023012F
30.1K
Ω 1% 0402 resistor
Vishay Dale
1
CRCW04022002F
20 k
Ω 1% 0402
For 2.5VOUT
Vishay Dale
CRCW04023742F
37.4 k
Ω 1% 0402 For 1.8 VOUT
Vishay Dale
CRCW04026042F
60.4 k
Ω 1% 0402 For 1.5 VOUT
Vishay Dale
CRCW04021503F
150 k
Ω 1% 0402 For 1.2 VOUT
Vishay Dale
R2
Open
For 1.0 VOUT
Vishay Dale
1
R4
CRCW04024993F
499K
Ω 1% 0402 resistor
Vishay Dale
1
R5
CRCW040210R0F
10
Ω 1% 0402 resistor
Vishay Dale
1
R6
CRCW04021002F
10K
Ω 1% 0402 resistor
Vishay Dale
1
U1
MIC2208BML
1MHz 3A Buck Regulator
Micrel
1
September 2005
13
M9999-092905
www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com