Electronic Components Datasheet Search
  English  ▼

X  

MIC2208BML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2208BML
Description  3mmx3mm 1MHz 3A PWM Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2208BML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2208BML Datasheet HTML 1Page - Micrel Semiconductor MIC2208BML Datasheet HTML 2Page - Micrel Semiconductor MIC2208BML Datasheet HTML 3Page - Micrel Semiconductor MIC2208BML Datasheet HTML 4Page - Micrel Semiconductor MIC2208BML Datasheet HTML 5Page - Micrel Semiconductor MIC2208BML Datasheet HTML 6Page - Micrel Semiconductor MIC2208BML Datasheet HTML 7Page - Micrel Semiconductor MIC2208BML Datasheet HTML 8Page - Micrel Semiconductor MIC2208BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Micrel, Inc.
MIC2208
Absolute Maximum Ratings
(1)
Supply Voltage (VIN) ...............................-0.3V to +6V
Output Switch Voltage (VSW) .....................-1V to +6V
Output Switch Current (ISW) ................................. 10A
Logic Input Voltage (VEN)......................... -0.3V to VIN
Storage Temperature (Ts)................ -60°C to +150°C
ESD Rating
(3) ............................................2KV (HBM)
Operating Ratings
(2)
Supply Voltage (VIN)............................+2.7V to +5.5V
Logic Input Voltage (VEN,VLOWQ) .................. 0V to VIN
Junction Temperature (TJ) .............. –40°C to +125°C
Junction Thermal Resistance
3mmx3mm MLF-12L (
θJA) ....................... 60°C/W
Electrical Characteristics
(4)
VIN = VEN = 3.6V; L = 1µH; COUT = 4.7µF; TA = 25°C, unless noted. Bold values indicate –40°C< TJ < +125°C
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage Range
2.7
5.5
V
Under-Voltage Lockout
Threshold
(turn-on)
2.45
2.55
2.65
V
UVLO Hysteresis
100
mV
Quiescent Current
VFB = 0.9 * VNOM (not switching)
720
950
µA
Shutdown Current
VEN = 0V
0.1
5
µA
[Adjustable] Feedback
Voltage
± 1%
± 2% (over temperature)
0.99
0.98
1
1.01
1.02
V
FB pin input current
1
100
nA
Current Limit in PWM Mode
VFB = 0.9 * VNOM
8
10
A
Output Voltage Line
Regulation
VOUT > 2.2V; VIN = VOUT+500mV to 5.5V; ILOAD= 20mA
VOUT < 2.2V; VIN = 2.7V to 5.5V; ILOAD= 20mA
0.13
%
Output Voltage Load
Regulation
20mA < ILOAD < 3A
0.2
1
%
PWM Switch ON-
Resistance
ISW = 50mA VFB = 0.7VFB_NOM (High Side Switch)
95
200
300
m
Ω
Oscillator Frequency
0.9
1
1.1
MHz
Enable Threshold
0.5
0.85
1.3
V
Enable Input Current
0.1
2
µA
Soft Start Time
VOUT =10% to VOUT=90%
450
µs
Over-Temperature
Shutdown
160
°C
over-Temperature
Hysteresis
20
°C
Power Good Range
±7
±10
%
Power Good Resistance
IPGOOD
145
200
Ω
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model: 1.5k
Ω in series with 100pF.
4. Specification for packaged product only.
September 2005
3
M9999-092905
www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com