Electronic Components Datasheet Search
  English  ▼

X  

MIC2208BML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2208BML
Description  3mmx3mm 1MHz 3A PWM Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2208BML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2208BML Datasheet HTML 1Page - Micrel Semiconductor MIC2208BML Datasheet HTML 2Page - Micrel Semiconductor MIC2208BML Datasheet HTML 3Page - Micrel Semiconductor MIC2208BML Datasheet HTML 4Page - Micrel Semiconductor MIC2208BML Datasheet HTML 5Page - Micrel Semiconductor MIC2208BML Datasheet HTML 6Page - Micrel Semiconductor MIC2208BML Datasheet HTML 7Page - Micrel Semiconductor MIC2208BML Datasheet HTML 8Page - Micrel Semiconductor MIC2208BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Micrel, Inc.
MIC2208
Ordering Information
Part Number
Output
Voltage
(1)
Junction Temp. Range
Package
Lead Finish
MIC2208YML
Adj.
–40° to +125°C
3mmx3mm MLF-10L
Pb-free
.
Pin Configuration
BIAS
EN
SW
VIN
PGND
SGND
SW
VIN
PGND
PGOOD
5
1
2
3
4
8
FB
COMP
67
12
11
10
9
EP
3mm x 3mm MLF-12 (ML)
Pin Description
Pin Number
Pin Name
Pin Function
1,12
SW
Switch (Output): Internal power P-Channel MOSFET output switch
2,11
VIN
Supply Voltage (Input): Supply voltage for the source of the internal P-channel
MOSFET and driver.
Requires bypass capacitor to GND.
3,10
PGND
Power Ground. Provides the ground return path for the high-side drive current.
4
SGND
Signal Ground. Provides return path for control circuitry and internal reference.
5
BIAS
Internal circuit bias supply. Must be bypassed with a 0.1uF ceramic capacitor to
SGND.
6
FB
Feedback. Input to the error amplifier, connect to the external resistor divider
network to set the output voltage.
7
COMP
Compensation. This is the internal error amplifier output. Connect external
compensation components for type II or type III compensation.
8
EN
Enable (Input). Logic level low will shutdown the device, reducing the current
draw to less than 5uA.
9
PGOOD
Power Good. Open drain output that is pulled to ground when the output voltage
is within +/- 7.5% of the set regulation voltage
EP
GND
Connect to ground.
September 2005
2
M9999-092905
www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com