Electronic Components Datasheet Search
  English  ▼

X  

CS8156 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS8156
Description  12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8156 Datasheet(HTML) 5 Page - ON Semiconductor

  CS8156 Datasheet HTML 1Page - ON Semiconductor CS8156 Datasheet HTML 2Page - ON Semiconductor CS8156 Datasheet HTML 3Page - ON Semiconductor CS8156 Datasheet HTML 4Page - ON Semiconductor CS8156 Datasheet HTML 5Page - ON Semiconductor CS8156 Datasheet HTML 6Page - ON Semiconductor CS8156 Datasheet HTML 7Page - ON Semiconductor CS8156 Datasheet HTML 8Page - ON Semiconductor CS8156 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CS8156
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Time (
μs)
Time (
μs)
Figure 8. Line Transient Response (VOUT1)
Figure 9. Line Transient Response (VOUT2)
Time (
μs)
Figure 10. Load Transient Response
(VOUT1)
Figure 11. Load Transient Response
(VOUT2)
10
150
Ambient Temperature (
°C)
Output Current (mA)
Figure 12. Maximum Power Dissipation
(TO−220)
Figure 13. Quiescent Current vs. Output
Current for VOUT2
0
0
150
20
10
20
0
−10
−20
3.0
2.0
1.0
0
0
1020
3040
5060
5.0
0
−5.0
−10
3.0
2.0
1.0
0
0
10
20
3040
5060
100
50
0
−50
−100
−150
0.8
0.6
0.4
0.2
0
0
10
20
304050
60
Time (
μs)
150
100
50
0
−50
−100
−150
20
15
10
5.0
0
0
10
20
304050
60
18
16
14
12
10
8.0
6.0
4.0
2.0
0
10
20
30
40
50
60
70
80
90
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
100
200
300
400
500
600
700
800
IOUT2 = 100 mA
IOUT1 = 500 mA
Infinite Heat Sink
10
°C/W Heat Sink
No Heat Sink
No Load on 5.0 V
VIN = 14 V
125
°C
25
°C
−40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com