Electronic Components Datasheet Search
  English  ▼

X  

CS8156 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS8156
Description  12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8156 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS8156 Datasheet HTML 2Page - ON Semiconductor CS8156 Datasheet HTML 3Page - ON Semiconductor CS8156 Datasheet HTML 4Page - ON Semiconductor CS8156 Datasheet HTML 5Page - ON Semiconductor CS8156 Datasheet HTML 6Page - ON Semiconductor CS8156 Datasheet HTML 7Page - ON Semiconductor CS8156 Datasheet HTML 8Page - ON Semiconductor CS8156 Datasheet HTML 9Page - ON Semiconductor CS8156 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CS8156
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
0
Output Current (mA)
Output Current (mA)
Figure 14. Quiescent Current vs. Output
Current for VOUT1
Figure 15. Line Regulation vs. Output
Current for VOUT2
Output Current (mA)
Output Current (mA)
Figure 16. Load Regulation vs. Output
Current fo VOUT2
Figure 17. Line Regulation vs. Output
Current for VOUT1
3.0
0
25
0
0
Output Current (mA)
Figure 18. Load Regulation vs. Output
Current for VOUT1
0
0
0
22
20
18
16
14
12
10
8.0
6.0
4.0
2.0
0
20
40
60
80
100
120
140
2.0
1.0
0
−1.0
−2.0
−3.0
−4.0
−5.0
−6.0
20
40
60
80
100
120
140
−2.0
−4.0
−6.0
−8.0
−10
−12
−14
−16
−18
20
40
60
80
100
120
140
20
15
10
5.0
0
−5.0
−10
−15
−20
−25
−30
−35
−40
100
200
300
400
500
600
700
800
−5.0
−10
−15
−20
−25
−30
−35
−40
100
200
300
400
500
600
700
800
No Load on 5.0 V
VIN = 14 V
125
°C
25
°C
−40
°C
125
°C
25
°C
−40
°C
VIN = 6.0−26 V
−40
°C
25
°C
125
°C
VIN = 14 V
−40
°C
25
°C
125
°C
VIN = 14 V
−40
°C
125
°C
25
°C
VIN = 13−26V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com