Electronic Components Datasheet Search
  English  ▼

X  

CS8156 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8156
Description  12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8156 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8156 Datasheet HTML 1Page - ON Semiconductor CS8156 Datasheet HTML 2Page - ON Semiconductor CS8156 Datasheet HTML 3Page - ON Semiconductor CS8156 Datasheet HTML 4Page - ON Semiconductor CS8156 Datasheet HTML 5Page - ON Semiconductor CS8156 Datasheet HTML 6Page - ON Semiconductor CS8156 Datasheet HTML 7Page - ON Semiconductor CS8156 Datasheet HTML 8Page - ON Semiconductor CS8156 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 8
1
Publication Order Number:
CS8156/D
CS8156
12 V, 5.0 V Low Dropout
Dual Regulator with ENABLE
The CS8156 is a low dropout 12 V/5.0 V dual output linear regulator.
The 12 V
±5.0% output sources 750 mA and the 5.0 V ±2.0% output
sources 100 mA.
The on board ENABLE function controls the regulator’s two
outputs. When the ENABLE lead is low, the regulator is placed in
SLEEP mode. Both outputs are disabled and the regulator draws only
200 nA of quiescent current.
The regulator is protected against overvoltage conditions. Both
outputs are protected against short circuit and thermal runaway
conditions.
The CS8156 is packaged in a 5 lead TO−220 with copper tab. The
copper tab can be connected to a heat sink if necessary.
Features
• Two Regulated Outputs
− 12 V
±5.0%; 750 mA
− 5.0 V
±2.0%; 100 mA
• Very Low SLEEP Mode Current Drain 200 nA
• Fault Protection
− Reverse Battery
− +60 V, −50 V Peak Transient Voltage
− Short Circuit
− Thermal Shutdown
• CMOS Compatible ENABLE
• Pb−Free Packages are Available
http://onsemi.com
PIN CONNECTIONS AND
MARKING DIAGRAM
CS
8156
AWLYWWG
1
CS8156 = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
TO−220
FIVE LEAD
T SUFFIX
CASE 314D
1
5
TO−220
FIVE LEAD
TVA SUFFIX
CASE 314K
TO−220
FIVE LEAD
THA SUFFIX
CASE 314A
1
5
1
Tab = GND
Pin 1. VIN
2. VOUT1
3. GND
4. ENABLE
5. VOUT2
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
*For additional information on our Pb−Free strategy
and soldering details, please download the
ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - CS8156

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
logo
ON Semiconductor
CS8156 ONSEMI-CS8156 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS8156YT5 CHERRY-CS8156YT5 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8156YTHA5 CHERRY-CS8156YTHA5 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8156YTVA5 CHERRY-CS8156YTVA5 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
More results

Similar Description - CS8156

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3050KM ALLEGRO-SI-3050KM Datasheet
350Kb / 9P
1 A, Low-Dropout, 5.0 V Regulator
logo
ON Semiconductor
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8147 ONSEMI-CS8147 Datasheet
85Kb / 12P
10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
CS8161 ONSEMI-CS8161 Datasheet
97Kb / 11P
12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
June, 2006 ??Rev. 7 1
CS8363 ONSEMI-CS8363_05 Datasheet
64Kb / 8P
3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8361 ONSEMI-CS8361 Datasheet
163Kb / 8P
5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com