Electronic Components Datasheet Search
  English  ▼

X  

SP3081EEN Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3081EEN
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3081EEN Datasheet(HTML) 1 Page - Sipex Corporation

  SP3081EEN Datasheet HTML 1Page - Sipex Corporation SP3081EEN Datasheet HTML 2Page - Sipex Corporation SP3081EEN Datasheet HTML 3Page - Sipex Corporation SP3081EEN Datasheet HTML 4Page - Sipex Corporation SP3081EEN Datasheet HTML 5Page - Sipex Corporation SP3081EEN Datasheet HTML 6Page - Sipex Corporation SP3081EEN Datasheet HTML 7Page - Sipex Corporation SP3081EEN Datasheet HTML 8Page - Sipex Corporation SP3081EEN Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
Rev M 2/22/2007
SP3080E-3088E Advanced RS485 Transceivers
© Copyright 2007 Sipex Corporation
DESCRIPTION
FEATURES
APPLICATIONS
SP3080E-3088E
Advanced-Failsafe RS-485/RS-422 Transceivers
1/8th Unit Load, Slew-Rate Limited, ±15kV ESD-Protected
• 5.0V single supply operation
• Receiver failsafe on open, shorted or terminated lines
• 1/8th Unit Load, 256 transceivers on bus
• Robust ESD protection for RS-485 pins
o ±15kV Air-Gap Discharge
o ±15kV Human Body Model
o ±8kV Contact Discharge
• Controlled driver slew rates
o 115kbps, Low EMI (SP3080E, SP3081E, SP3082E)
o 500kbps, Low EMI (SP3083E, SP3084E, SP3085E)
o High Speed, 20Mbps (SP3086E, SP3087E, SP3088E)
•Hot Swap glitch protection on control inputs
•Driver short circuit current limit and
thermal shutdown for overload protection
•Ultra-low 400µA quiescent current
•1µA shutdown mode (except SP3081, SP3084, SP3087)
•Industry standard package footprints
• Motor Control
• Building Automation
• Security Systems
• Remote Meter Reading
• Long or un-terminated transmission lines
The SP3080E-SP3088E family of RS-485 devices are designed for reliable, bidirectional commu-
nication on multipoint bus transmission lines. Each device contains one differential driver and one
differential receiver. SP3082E, SP3085E and SP3088E are half-duplex devices; other part num-
bers are full-duplex. All devices comply with TIA/EIA-485 and TIA/EIA-422 standards. Lead-free and
RoHS compliant packages are available for all models.
These devices are ruggedized for use in harsh operating conditions over the entire common-mode
voltage range from -7V to +12V. Receivers are specially designed to fail-safe to a logic high output
state if the inputs are left un-driven or shorted. All RS-485 bus-pins are protected against severe ESD
events up to ±15kV (Air-Gap and Human Body Model) and up to ±8kV Contact Discharge (IEC 1000-
4-2). Drivers are protected from excess current flow caused by bus contention or output short-circuits
by both an internal current limit and a thermal-overload shutdown. Devices are rated for industrial
(-40 to +85ºC) operating temperatures. Receivers have exceptionally high input impedance, which
places only 1/8th the standard load on a shared bus. Up to 256 transceivers may coexist while pre-
serving full signal margin.
All devices operate from a single 5.0V power supply and draw negligible quiescent power. All ver-
sions except the SP3081E, SP3084E, and SP3087E may independently enable and disable their
driver and receiver and enter a low power shutdown mode if both driver and receiver are disabled.
All outputs maintain high impedance in shutdown or when powered-off.
8 PIN NSOIC
SP3082E
SP3085E
SP3088E
Half Duplex
8 PIN NSOIC
SP3081E
SP3084E
SP3087E
Full Duplex
1
2
3
4
5
6
7
8
5
6
7
8
1
2
3
4
14 PIN NSOIC
SP3080E
SP3083E
SP3086E
Full Duplex
1
2
3
4
5
6
7
8
9
10
11
12
13
14
NC
RO
RE
DE
DI
GND
GND
Vcc
NC
A
B
Z
Y
NC
Vcc
RO
DI
GND
A
B
Z
Y
GND
A
B
Vcc
RO
RE
DE
DI


Similar Part No. - SP3081EEN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3081EEN-L EXAR-SP3081EEN-L Datasheet
1Mb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP3081EEN-L/TR EXAR-SP3081EEN-L/TR Datasheet
1Mb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
More results

Similar Description - SP3081EEN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8487E INTERSIL-ISL8487E Datasheet
527Kb / 14P
짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
September 15, 2005
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
logo
Sipex Corporation
SP3080E SIPEX-SP3080E Datasheet
555Kb / 21P
Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL8487E INTERSIL-ISL8487E_06 Datasheet
527Kb / 14P
짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
February 27, 2006
logo
Exar Corporation
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Renesas Technology Corp
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com