Electronic Components Datasheet Search
  English  ▼

X  

SP3081EEN Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP3081EEN
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3081EEN Datasheet(HTML) 5 Page - Sipex Corporation

  SP3081EEN Datasheet HTML 1Page - Sipex Corporation SP3081EEN Datasheet HTML 2Page - Sipex Corporation SP3081EEN Datasheet HTML 3Page - Sipex Corporation SP3081EEN Datasheet HTML 4Page - Sipex Corporation SP3081EEN Datasheet HTML 5Page - Sipex Corporation SP3081EEN Datasheet HTML 6Page - Sipex Corporation SP3081EEN Datasheet HTML 7Page - Sipex Corporation SP3081EEN Datasheet HTML 8Page - Sipex Corporation SP3081EEN Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
Rev M 2/22/2007
SP3080E-3088E Advanced RS485 Transceivers
© Copyright 2007 Sipex Corporation
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Input Signals: DI, DE, RE
Logic input thresholds
High, VIH
2.0
V
Low, VIL
0.8
Logic Input Current
TA = 25°C, after first transition
±1
µA
Input Hysteresis
TA = 25°C
100
mV
Driver
Differential Driver Output (VOD)
No Load
VCC
V
Differential Driver Output, Test 1
RL=100Ω (RS-422)
2
VCC
V
RL=54Ω (RS-485)
1.5
2.7
VCC
Differential Driver Output, Test 2
VCM = -7 to +12V
1.5
VCC
Change in Magnitude of Differential Output
Voltage (∆VOD) (Note 1)
RL=54 or 100Ω
±0.2
V
Driver Common Mode Output Voltage (Vcc)
RL=54 or 100Ω
1
3
V
Change in Common Mode Output Voltage
(∆VOC)
RL=54 or 100Ω
±0.2
V
Driver Short Circuit Current Limit
-7V ≤ VOUT ≤ +12V
±250
mA
Output Leakage Current (Full-duplex versions,
Y & Z pins) Note 2
DE=0,
VOUT=12V
125
µA
RE=0,
VCC=0 or
5.5V
VOUT= -7V
-100
Receiver
Receiver Input Resistance
-7V ≤ VCM ≤ 12V
96
KΩ
Input Current (A, B pins)
DE=0,
RE=0,
Vcc=0 or
5.5V
VIN= 12V
125
VIN= -7V
-100
µA
Receiver Differential Threshold (VA-VB)
-7V ≤ VCM ≤ 12V
-200
-125
-40
mV
Receiver Input Hysteresis
25
mV
Receiver
Output
Voltage
VOH
IOUT = -8mA, VID = -40mV
Vcc-1.5
V
VOL
IOUT = 8mA, VID = -200mV
0.4
High-Z Receiver Output Current
VCC =5.5V, 0 ≤ VOUT ≤ VCC
± 1
µA
Receiver Output Short Circuit Current
0V ≤ VRO ≤ VCC
± 95
mA
Supply and Protection
Supply
Current
IQ, Active Mode
No load, DI=0 or VCC
400
900
µA
Shutdown Mode
DE=0, RE=Vcc, DI=VCC
1
µA
Thermal Shutdown Temperature
Junction temperature
165
o
C
Thermal Shutdown Hysteresis
15
Notes:
1. Change in Magnitude of Differential Output Voltage and Change in Magnitude of Common Mode Output Voltage are the changes in output voltage when DI input changes state.
2. Except devices which don’t have DE or RE inputs.
3. The transceivers are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 50ns the device does not enter shutdown. If the enable inputs
are held in this state for at least 600ns the device is assured to be in shutdown. In this low power mode most circuitry is disabled and supply current is typically 1nA.
4.Characterized, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com