Electronic Components Datasheet Search
  English  ▼

X  

SP3081EEN Datasheet(PDF) 25 Page - Sipex Corporation

Part # SP3081EEN
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3081EEN Datasheet(HTML) 25 Page - Sipex Corporation

Back Button SP3081EEN Datasheet HTML 17Page - Sipex Corporation SP3081EEN Datasheet HTML 18Page - Sipex Corporation SP3081EEN Datasheet HTML 19Page - Sipex Corporation SP3081EEN Datasheet HTML 20Page - Sipex Corporation SP3081EEN Datasheet HTML 21Page - Sipex Corporation SP3081EEN Datasheet HTML 22Page - Sipex Corporation SP3081EEN Datasheet HTML 23Page - Sipex Corporation SP3081EEN Datasheet HTML 24Page - Sipex Corporation SP3081EEN Datasheet HTML 25Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
25
Rev M 2/22/2007
SP3080E-3088E Advanced RS485 Transceivers
© Copyright 2007 Sipex Corporation
Solved by Sipex
TM
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the applica-
tion or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
ORDERING INFORMATION
Part number LEAD FREE Tape & Reel
Temperature range
Package Type
SP3080EEN
-L
/TR
From -40 to +850C
14 pin nSOIC
SP3081EEN
-L
/TR
From -40 to +850C
8 pin nSOIC
SP3082EEN
-L
/TR
From -40 to +850C
8 pin nSOIC
SP3083EEN
-L
/TR
From -40 to +850C
14 pin nSOIC
SP3084EEN
-L
/TR
From -40 to +850C
8 pin nSOIC
SP3085EEN
-L
/TR
From -40 to +850C
8 pin nSOIC
SP3086EEN
-L
/TR
From -40 to +850C
14 pin nSOIC
SP3087EEN
-L
/TR
From -40 to +850C
8 pin nSOIC
SP3088EEN
-L
/TR
From -40 to +850C
8 pin nSOIC
All packages are available as lead free (RoHS compliant). To order add “-L” suffix to part number.
For Tape and Reel add “/TR”. Reel quantity is 2,500 for NSOIC.
Example: SP3082EEN-L/TR = lead free and Tape and Reel. SP3082EEN/TR = standard with Tape
and Reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com