Electronic Components Datasheet Search
  English  ▼

X  

SP3082EEN Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP3082EEN
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3082EEN Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP3082EEN Datasheet HTML 4Page - Sipex Corporation SP3082EEN Datasheet HTML 5Page - Sipex Corporation SP3082EEN Datasheet HTML 6Page - Sipex Corporation SP3082EEN Datasheet HTML 7Page - Sipex Corporation SP3082EEN Datasheet HTML 8Page - Sipex Corporation SP3082EEN Datasheet HTML 9Page - Sipex Corporation SP3082EEN Datasheet HTML 10Page - Sipex Corporation SP3082EEN Datasheet HTML 11Page - Sipex Corporation SP3082EEN Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Rev M 2/22/2007
SP3080E-3088E Advanced RS485 Transceivers
© Copyright 2007 Sipex Corporation
8
TYPICAL PERFORMANCE CHARACTERISTICS
Driver Differential Output Voltage vs
Temperature
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Output Voltage (V)
RL
RL
RL=100Ω
RL=54Ω
Output Current vs Driver Output High
Voltage
-120
-100
-80
-60
-40
-20
0
-2
-1
0
1
2
3
4
5
6
Output High Voltage (V)
Output Current (mA)
Receiver Output Voltage vs Differential
Input Voltage
Receiver Output Low Voltage vs
Temperature
0.1
0.15
0.2
0.25
0.3
0.35
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Output Low Voltage (V)
IOUT=8mA, V ID=-200mV
Receiver Output High Voltage vs
Temperature
3.5
3.6
3.7
3.8
3.9
4
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Output High Voltage (V)
IOUT=8mA, V ID=-40mV
Driver Output Current
vs Differential Output Voltage
0.01
0.1
1
10
100
0
1
2
3
4
5
6
Differential Output Voltage (V)
Output Current (mA)
0
1
2
3
4
5
-200
-180
-160
-140
-120
-100
-80
-60
-40
Differential Input Voltage (mV)
Receiver Output Voltage (V)
VCC=5V
TA=25ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com