Electronic Components Datasheet Search
  English  ▼

X  

SP3082EEN Datasheet(PDF) 21 Page - Sipex Corporation

Part # SP3082EEN
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3082EEN Datasheet(HTML) 21 Page - Sipex Corporation

Back Button SP3082EEN Datasheet HTML 17Page - Sipex Corporation SP3082EEN Datasheet HTML 18Page - Sipex Corporation SP3082EEN Datasheet HTML 19Page - Sipex Corporation SP3082EEN Datasheet HTML 20Page - Sipex Corporation SP3082EEN Datasheet HTML 21Page - Sipex Corporation SP3082EEN Datasheet HTML 22Page - Sipex Corporation SP3082EEN Datasheet HTML 23Page - Sipex Corporation SP3082EEN Datasheet HTML 24Page - Sipex Corporation SP3082EEN Datasheet HTML 25Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
Rev M 2/22/2007
SP3080E-3088E Advanced RS485 Transceivers
© Copyright 2007 Sipex Corporation
DESCRIPTION
the SP3080E - SP3088E are characterized for
protection to the following limits:
±15kV using the Human Body Model
±8kV using the Contact Discharge
method specified in IEC 1000-4-2
±15kV Air-gap
ESD TEST CONDITIONS
ESD performance depends on a variety of con-
ditions. Contact Sipex for a reliability report
that documents test setup, methodology and
results.
IEC 1000-4-2
The IEC 1000-4-2 standard covers ESD testing
and performance of finished equipment. How-
ever, it does not specifically refer to integrated
circuits. The SP3080E family helps you design
equipment to meet IEC 1000-4-2, without sac-
rificing board space and cost for external ESD-
protection components.
The major difference between tests done us-
ing the Human Body Model and IEC 1000-4-2
is a higher peak current in IEC 1000-4-2 series
resistance is lower in the IEC 1000-4-2 model.
Hence, the ESD withstand voltage measured to
IEC 1000-4-2 is generally lower than that mea-
sured using the human body model.
The air-gap test involves approaching the de-
vice with a charged probe. The contact dis-
charge method connects the probe to the de-
vice before the probe is energized.
MACHINE MODEL
The machine model for ESD tests all pins using
a 200pF storage capacitor and zero discharge
resistance. The objective is to emulate the
stress caused when I/O pins are contacted by
handling equipment during test and assembly.
256 TRANSCEIVERS ON THE BUS
The standard RS-485 receiver input impedance
is 12kΩ (1 unit load). A standard driver can
drive up to 32 unit loads. The SP3080E fam-
ily of transceivers has only a 1/8th unit load re-
ceiver input impedance (96kΩ), thereby allow-
ing eight times as many, up to 256, transceivers
to be connected in parallel on a communication
line. Any combination of these devices and oth-
er RS-485 transceivers up to a total of 32 unit
loads may be connected to the line.
LOW POWER SHUTDOWN MODE
Low-power shutdown mode is initiated by bring-
ing both RE high and DE low simultaneously.
While in shutdown devices typically draw only
50nA of supply current. DE and RE may be tied
together and driven by a single control signal.
Devices are guaranteed not to enter shutdown
if RE is high and DE is low for less than 50ns. If
the inputs are in this state for at least 600ns, the
parts are shutdown.
Enable times tZH and tZL apply when the part is
not in low-power shutdown state. Enable times
tZH(SHDN) and tZL(SHDN) apply when the parts
are shut down. The drivers and receivers take
longer to become enabled from low power shut-
down mode tZL(SHDN) and tZL(SHDN) than from
driver/receiver-disable mode (tZH, tZL).
DRIVER OUTPUT PROTECTION
Two mechanisms prevent excessive output cur-
rent and power dissipation caused by faults or
by bus contention. First, a driver-current limit
on the output stage provides immediate protec-
tion against short circuits over the whole com-
mon-mode voltage range. Second, a thermal-
shutdown circuit forces the driver outputs into
a high-impedance state if junction temperature
becomes excessive.
LINE LENGTH, EMI, AND REFLECTIONS
SP3080E - SP3085E feature controlled slew-
rate drivers that minimize EMI and reduce reflec-
tions caused by improperly terminated cables.
SP3080E - SP3083E driver rise and fall times
are limited to no faster than 667ns, allowing er-
ror-free data transmission up to 115kbps. The
SP3083, SP3084 and SP3085 offer somewhat
higher driver output slew-rate limits, allowing
transmit speeds up to 500kbps.
The RS-485/RS-422 standard covers line
lengths up to 4,000ft. Maximum achievable
line length is a function of signal attenuation
and noise. Use of slew-controlled drivers such
as the SP3080E-SP3086E may help to reduce
crosstalk interference and permit communica-
tion over longer transmission lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com