Electronic Components Datasheet Search
  English  ▼

X  

SP3082EEN Datasheet(PDF) 19 Page - Sipex Corporation

Part # SP3082EEN
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3082EEN Datasheet(HTML) 19 Page - Sipex Corporation

Back Button SP3082EEN Datasheet HTML 15Page - Sipex Corporation SP3082EEN Datasheet HTML 16Page - Sipex Corporation SP3082EEN Datasheet HTML 17Page - Sipex Corporation SP3082EEN Datasheet HTML 18Page - Sipex Corporation SP3082EEN Datasheet HTML 19Page - Sipex Corporation SP3082EEN Datasheet HTML 20Page - Sipex Corporation SP3082EEN Datasheet HTML 21Page - Sipex Corporation SP3082EEN Datasheet HTML 22Page - Sipex Corporation SP3082EEN Datasheet HTML 23Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19
Rev M 2/22/2007
SP3080E-3088E Advanced RS485 Transceivers
© Copyright 2007 Sipex Corporation
FUNCTION TABLES
Receiving
Inputs
Output
RE
DE
V
A - VB
RO
0
X
≥ -40mV
1
0
X
≤-200mV
0
0
X
Open/shorted
1
1
1
X
High-Z
1
0
X
Shutdown
Transmitting
Inputs
Outputs
RE
DE
DI
Y
Z
X
1
1
1
0
X
1
0
0
1
0
0
X
High-Z
1
0
X
Shutdown
SP3080E, SP3083E, SP3086E (Full Duplex)
SP3081E SP3084E, SP3087E (Full Duplex)
Transmitting
Input
Outputs
DI
Y
Z
1
1
0
0
0
1
Open
1
0
Receiving
Inputs
Output
V
A - VB
RO
≥ -40mV
1
≤-200mV
0
Open/shorted
1
SP3082E SP3085E, SP3088E (Half Duplex)
Transmitting
Inputs
Outputs
RE
DE
DI
A
B
X
1
1
1
0
X
1
0
0
1
0
0
X
High-Z
1
0
X
Shutdown
Receiving
Inputs
Output
RE
DE
V
A - VB
RO
0
X
≥ -40mV
1
0
X
≤-200mV
0
0
X
Open/shorted
1
1
1
X
High-Z
1
0
X
Shutdown
Note: Receiver inputs -200mV < VA - VB < -40mV, should be considered indeterminate
PRODUCT SELECTOR GUIDE
Part
Number
Duplex
Data Rate
(Mbps)
Shut-down
Receiver &
Driver Enable
Trans on Bus Foot-print
pin-compatible
upgrade from:
SP3080E
Full
0.115
Yes
Yes
256
SN75180
MAX3080
SP3081E
Full
0.115
No
No
256
SN75179
MAX3081
SP3082E
Half
0.115
Yes
Yes
256
SN75176
SP483, MAX3082
SP3083E
Full
0.5
Yes
Yes
256
SN75180
MAX3083
SP3084E
Full
0.5
No
No
256
SN75179
MAX3084
SP3085E
Half
0.5
Yes
Yes
256
SN75176
MAX3085
SP3086E
Full
20
Yes
Yes
256
SN75180
SP1491, MAX3086
SP3087E
Full
20
No
No
256
SN75179
SP1490, MAX3087
SP3088E
Half
20
Yes
Yes
256
SN75176
SP1481, MAX3088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com