Electronic Components Datasheet Search
  English  ▼

X  

MAC15 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MAC15
Description  Triacs Silicon Bidirectional Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC15 Datasheet(HTML) 5 Page - ON Semiconductor

  MAC15 Datasheet HTML 1Page - ON Semiconductor MAC15 Datasheet HTML 2Page - ON Semiconductor MAC15 Datasheet HTML 3Page - ON Semiconductor MAC15 Datasheet HTML 4Page - ON Semiconductor MAC15 Datasheet HTML 5Page - ON Semiconductor MAC15 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MAC15 Series
http://onsemi.com
5
100
70
50
30
20
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
vTM, INSTANTANEOUS ON−STATE VOLTAGE (VOLTS)
TJ = 25°C
4
4.4
10
7
5
3
2
1
0.7
0.5
0.3
0.2
0.1
125
°C
20
10
7.0
5.0
3.0
2.0
−60
−40
−20
0
20
40
60
80
100
TJ, JUNCTION TEMPERATURE (°C)
120
140
GATE OPEN
300
200
100
70
50
30
12
3
5
NUMBER OF CYCLES
710
Surge is preceded and followed by rated current
MAIN TERMINAL #1
POSITIVE
MAIN TERMINAL #2
POSITIVE
TC = 80°C
T f = 60 Hz
Figure 5. On−State Characteristics
Figure 6. Typical Holding Current
Figure 7. Maximum Non−Repetitive
Surge Current
1
0.5
0.1
0.05
0.02
0.01
0.1
0.2
0.5
t, TIME (ms)
1
ZqJC(t) = r(t) • RqJC
0.2
2
5
10
20
50
100
200
500
1 k
2 k
5 k
10 k
Figure 8. Thermal Response



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com