Electronic Components Datasheet Search
  English  ▼

X  

MAC15 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MAC15
Description  Triacs Silicon Bidirectional Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC15 Datasheet(HTML) 4 Page - ON Semiconductor

  MAC15 Datasheet HTML 1Page - ON Semiconductor MAC15 Datasheet HTML 2Page - ON Semiconductor MAC15 Datasheet HTML 3Page - ON Semiconductor MAC15 Datasheet HTML 4Page - ON Semiconductor MAC15 Datasheet HTML 5Page - ON Semiconductor MAC15 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MAC15 Series
http://onsemi.com
4
Figure 1. RMS Current Derating
Figure 2. On−State Power Dissipation
Figure 3. Typical Gate Trigger Voltage
Figure 4. Typical Gate Trigger Current
130
120
110
100
90
80
02
4
6
8
10
12
14
16
IT(RMS), RMS ON−STATE CURRENT (AMP)
α = 30°
α = 180°
α = 60°
α = 90°
dc
TJ ≈ 125°
20
16
12
8
4
0
02
4
6
8
10
12
14
16
IT(RMS), ON−STATE CURRENT (AMP)
30
°
α = 180°
dc
TJ ≈ 125°
60
°
90
°
120
°
α = CONDUCTION ANGLE
α
α
α = CONDUCTION ANGLE
α
α
1.8
1.6
1.4
1.2
1.0
0.4
−60
−40
−20
0
20
40
60
80
100
TJ, JUNCTION TEMPERATURE (°C)
1
QUADRANT 4
0.8
0.6
120
140
2
3
QUADRANTS
OFF−STATE VOLTAGE = 12 V
50
30
20
10
7.0
5.0
−60
−40
−20
0
20
40
60
80
100
TJ, JUNCTION TEMPERATURE (°C)
1
120
140
2
3
QUADRANT
OFF−STATE VOLTAGE = 12 V
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com