Electronic Components Datasheet Search
  English  ▼

X  

MAC15 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MAC15
Description  Triacs Silicon Bidirectional Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC15 Datasheet(HTML) 1 Page - ON Semiconductor

  MAC15 Datasheet HTML 1Page - ON Semiconductor MAC15 Datasheet HTML 2Page - ON Semiconductor MAC15 Datasheet HTML 3Page - ON Semiconductor MAC15 Datasheet HTML 4Page - ON Semiconductor MAC15 Datasheet HTML 5Page - ON Semiconductor MAC15 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 3
1
Publication Order Number:
MAC15A4/D
MAC15 Series
Preferred Device
Triacs
Silicon Bidirectional Thyristors
Designed primarily for full-wave ac control applications, such as
solid−state relays, motor controls, heating controls and power
supplies; or wherever full−wave silicon gate controlled solid−state
devices are needed. Triac type thyristors switch from a blocking to a
conducting state for either polarity of applied main terminal voltage
with positive or negative gate triggering.
Features
• Blocking Voltage to 800 V
• All Diffused and Glass Passivated Junctions for Greater Parameter
Uniformity and Stability
• Small, Rugged, Thermowatt Construction for Low Thermal
Resistance, High Heat Dissipation and Durability
• Gate Triggering Guaranteed in Three Modes (MAC15 Series) or
Four Modes (MAC15A Series)
• Pb−Free Packages are Available*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage Note 1
(TJ = −40 to +125°C, Sine Wave 50 to 60 Hz,
Gate Open)
MAC15A6
MAC15−8, MAC15A8
MAC15−10, MAC15A10
VDRM,
VRRM
400
600
800
V
Peak Gate Voltage
(Pulse Width
v 1.0 msec; TC = 90°C)
VGM
10
V
On−State Current RMS; Full Cycle Sine
Wave 50 to 60 Hz (TC = +90°C)
IT(RMS)
15
A
Circuit Fusing Consideration (t = 8.3 ms)
I2t
93
A2s
Peak Non−Repetitive Surge Current (One
Full Cycle Sine Wave, 60 Hz, TC = +80°C)
Preceded and Followed by Rated Current
ITSM
150
A
Peak Gate Power
(TC = +80°C, Pulse Width = 1.0 ms)
PGM
20
W
Average Gate Power (TC = +80°C, t = 8.3 ms)
PG(AV)
0.5
W
Peak Gate Current
(Pulse Width
v 1.0 msec; TC = 90°C)
IGM
2.0
A
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−40 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TRIACS
15 AMPERES RMS
400 thru 800 VOLTS
TO−220AB
CASE 221A
STYLE 4
1
2
3
4
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 1
Main Terminal 2
4
Main Terminal 2
MT1
G
MT2
Preferred devices are recommended choices for future use
and best overall value.
http://onsemi.com
See detailed ordering, marking, and shipping information in
the package dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
MAC15xx = Specific Device Code
xx
= See Table on Page 2
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING
DIAGRAM
MAC15xxG
AYWW


Similar Part No. - MAC15

ManufacturerPart #DatasheetDescription
logo
GE Solid State
MAC15 GESS-MAC15 Datasheet
149Kb / 4P
15-A Silicon Triacs
logo
ON Semiconductor
MAC15 ONSEMI-MAC15 Datasheet
115Kb / 6P
Triacs Silicon Bidirectional Thyristors
October, 2008 ??Rev. 4
logo
Digitron Semiconductors
MAC15 DIGITRON-MAC15 Datasheet
215Kb / 3P
SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
MAC15 NJSEMI-MAC15 Datasheet
101Kb / 2P
Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
MAC15-008 ONSEMI-MAC15-008 Datasheet
115Kb / 6P
Triacs Silicon Bidirectional Thyristors
October, 2008 ??Rev. 4
More results

Similar Description - MAC15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC4M ONSEMI-MAC4M Datasheet
115Kb / 8P
TRIACS, Silicon Bidirectional Thyristors
February, 2000 ??Rev. 1
MAC224A ONSEMI-MAC224A Datasheet
53Kb / 8P
Triacs Silicon Bidirectional Thyristors
February, 2000 ??Rev. 1
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com