Electronic Components Datasheet Search
  English  ▼

X  

MIC2172 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2172
Description  100kHz 1.25A Switching Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2172 Datasheet HTML 1Page - Micrel Semiconductor MIC2172 Datasheet HTML 2Page - Micrel Semiconductor MIC2172 Datasheet HTML 3Page - Micrel Semiconductor MIC2172 Datasheet HTML 4Page - Micrel Semiconductor MIC2172 Datasheet HTML 5Page - Micrel Semiconductor MIC2172 Datasheet HTML 6Page - Micrel Semiconductor MIC2172 Datasheet HTML 7Page - Micrel Semiconductor MIC2172 Datasheet HTML 8Page - Micrel Semiconductor MIC2172 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
April 2005
5
M9999-042205
MIC2172/3172
Micrel, Inc.
Parameter
Conditions
Min
Typ
Max
Units
Error Amplifier Section
Transconductance (∆ICOMP/∆VFB) ∆ICOMP = ±25µA
3.0
3.9
6.0
µA/mV
2.4
7.0
µA/mV
Voltage Gain (∆VCOMP/∆VFB)
0.9V ≤ VCOMP ≤ 1.4V
500
800
2000
V/V
Output Current
V
COMP = 1.5V
125
175
350
µA
100
400
µA
Output Swing
High Clamp, V
FB = 1V
1.8
2.1
2.3
V
Low Clamp, V
FB = 1.5V
0.25
0.35
0.52
V
Compensation Pin
Duty Cycle = 0
0.8
0.9
1.08
V
Threshold
0.6
1.25
V
Output Switch Section
ON Resistance
I
SW = 1A, VFB = 0.8V
0.76
1
Ω
1.1
Ω
Current Limit
Duty Cycle = 50%, T
J ≥ 25°C
1.25
3
A
Duty Cycle = 50%, T
J < 25°C
1.25
3.5
A
Duty Cycle = 80% Note 2
1
2.5
A
Breakdown Voltage (BV)
3V ≤ VIN ≤ 40V
65
75
V
I
SW = 5mA
Oscillator Section
Frequency (f
O)
88
100
112
kHz
85
115
kHz
Duty Cycle [δ(max)]
80
89
95
%
Input Supply Voltage Section and Enable Section
Minimum Operating Voltage
2.7
3.0
V
Quiescent Current (I
Q)
3V ≤ VIN ≤ 40V, VCOMP = 0.6V, ISW = 0
7
9
mA
Shutdown, V
EN = 0V
0.1
5
µA
Quiescent Current Increase (∆IIN) ∆ISW = 1A, VCOMP = 1.5V
9
20
mA
Enable Input Threshold
0.4
1.2
2.4
V
Enable Input Current
V
EN = 0V
–1
0
1
µA
V
EN = 2.4V
2
10
µA
Bold type denotes specifications applicable to the full operating temperature range.
Note 1
Devices are ESD sensitive. Handling precautions required.
Note 2
For duty cycles (δ) between 50% and 95%, minimum guaranteed switch current is given by ICL = 0.833 (2-δ) for the MIC3172.
Note 3
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com