Electronic Components Datasheet Search
  English  ▼

X  

MIC2172 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2172
Description  100kHz 1.25A Switching Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2172 Datasheet HTML 2Page - Micrel Semiconductor MIC2172 Datasheet HTML 3Page - Micrel Semiconductor MIC2172 Datasheet HTML 4Page - Micrel Semiconductor MIC2172 Datasheet HTML 5Page - Micrel Semiconductor MIC2172 Datasheet HTML 6Page - Micrel Semiconductor MIC2172 Datasheet HTML 7Page - Micrel Semiconductor MIC2172 Datasheet HTML 8Page - Micrel Semiconductor MIC2172 Datasheet HTML 9Page - Micrel Semiconductor MIC2172 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MIC2172/3172
Micrel, Inc.
M9999-042205
6
April 2005
2.3
2.4
2.5
2.6
2.7
2.8
2.9
-100
-50
0
50
100
150
Temperature (°C)
MIC2172 Minimum
Operating Voltage
Switch Current = 1A
0
100
200
300
400
500
600
700
800
-100
-50
0
50
100
150
Temperature (°C)
Feedback Bias Current
-5
-4
-3
-2
-1
0
1
2
3
4
5
010
20
3040
V
IN
Operating (V)
Feedback Voltage
Line Regulation
T
J
= -40°C
T
J
= 25°C
T
J
= 125°C
5
6
7
8
9
10
11
12
13
14
15
010
20
3040
V
IN Operating Voltage (V)
Supply Current
I
SW
= 0
D.C. = 90%
D.C. = 50%
D.C. = 0%
0
1
2
3
4
5
6
7
8
-100
-50
0
50
100
150
Temperature (°C)
Supply Current
(Shutdown Mode)
MIC3172
V
IN = 40V
0.8
0.9
1
1.1
1.2
1.3
1.4
-100
-50
0
50
100
150
Temperature (°C)
Enable Thresholds
ON
OFF
MIC3172
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
Switch Current (A)
Supply Current
δ = 90%
δ = 50%
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.5
1.0
1.5
Switch Current (A)
Switch ON Voltage
T
J
= 25°C
T
J
= 125°C
T
J
= –40°C
0
1
2
3
4
020
406080
100
Duty Cycle (%)
Current Limit
–40°C
25°C
125°C
0
1
2
3
4
5
6
7
8
9
10
-100
-50
0
50
100
150
Temperature (°C)
Supply Current
V
COMP = 0.6V
60
70
80
90
100
110
120
-50
0
50
100
150
Temperature (°C)
Oscillator Frequency
90
100
110
120
130
140
110
100
1000
R
ADJ (kΩ)
Oscillator Frequency
MIC2172
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com