Electronic Components Datasheet Search
  English  ▼

X  

MIC2172YN Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2172YN
Description  100kHz 1.25A Switching Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172YN Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2172YN Datasheet HTML 6Page - Micrel Semiconductor MIC2172YN Datasheet HTML 7Page - Micrel Semiconductor MIC2172YN Datasheet HTML 8Page - Micrel Semiconductor MIC2172YN Datasheet HTML 9Page - Micrel Semiconductor MIC2172YN Datasheet HTML 10Page - Micrel Semiconductor MIC2172YN Datasheet HTML 11Page - Micrel Semiconductor MIC2172YN Datasheet HTML 12Page - Micrel Semiconductor MIC2172YN Datasheet HTML 13Page - Micrel Semiconductor MIC2172YN Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MIC2172/3172
Micrel, Inc.
M9999-042205
10
April 2005
Figure 7 shows how one or more MIC2172s can be locked to
an external reference frequency. The slaves lock to the
negative (falling edge) of the external reference waveform.
Soft Start
A diode-coupled capacitor from COMP to circuit ground
slows the output voltage rise at turn on (figure 8).
MIC2172/3172
VIN
COMP
C2
R1
VIN
D2
C1
D1
Figure 8. Soft Start
The additional time it takes for the error amplifier to charge the
capacitor corresponds to the time it takes the output to reach
regulation. Diode D1 discharges C1 when V
IN is removed.
Current Limit
For designs demanding less output current than the MIC2172/
3172 is capable of delivering, P GND 1 can be left open
reducing the current capability of Q1 by one-half.
MIC2172/3172
VIN
COMP
C2
R3
VIN
Q1
R2
GND
P1 P2 S
R1
C1
VSW
FB
VOUT
Note: Input and output
returns not common.
ICL ≈ 0.6V/R2
Figure 9. Current Limit
Alternatively, the maximum current limit of the MIC2172/3172
can be reduced by adding a voltage clamp to the COMP
output (figure 9). This feature can be useful in applications
requiring either a complete shutdown of Q1’s switching action
or a form of current fold-back limiting. This use of the COMP
output does not disable the oscillator, amplifiers or other
circuitry, therefore the supply current is never less than
approximately 5mA.
Thermal Management
Although the MIC2172/3172 family contains thermal protec-
tion circuitry, for best reliability, avoid prolonged operation
with junction temperatures near the rated maximum.
The junction temperature is determined by first calculating
the power dissipation of the device. For the MIC2172/3172,
the total power dissipation is the sum of the device operating
losses and power switch losses.
The device operating losses are the dc losses associated
with biasing all of the internal functions plus the losses of the
power switch driver circuitry. The dc losses are calculated
from the supply voltage (V
IN) and device supply current (IQ).
The MIC2172/3172 supply current is almost constant regard-
less of the supply voltage (see “Electrical Characteristics”).
The driver section losses (not including the switch) are a
function of supply voltage, power switch current, and duty
cycle.
P
(bias+driver) =VIN IQ
() + VIN ISW
0.004 + δ
50
where:
P
(bias+driver) = device operating losses
V
IN = supply voltage
I
Q = quiescent supply current
I
SW = power switch current
(see “ Design Hints: Switch Current
Calculations”)
δ = duty cycle
δ =
V
OUT + VF ± VIN
V
OUT +VF
V
OUT = output voltage
V
F = D1 forward voltage drop
As a practical example refer to figure 1.
V
IN = 5.0V
I
Q = 0.006A
I
SW = 0.625A
δ = 60% (0.6)
Then:
P
(bias+driver) =5 × 0.006
() + 5 0.625
0.004+0.6
50
P
(bias+driver) = 0.068W
Power switch dissipation calculations are greatly simplified
by making two assumptions which are usually fairly accurate.
First, the majority of losses in the power switch are due to
on-losses. To find these losses, assign a resistance value to
the collector/emitter terminals of the device using the satura-
tion voltage versus collector current curves (see Typical
Performance Characteristics).
Power switch losses are
calculated by modeling the switch as a resistor with the switch
duty cycle modifying the average power dissipation.
P
SW = (ISW)
2 R
SW δ
From the Typical performance Characteristics:
R
SW = 1Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com