Electronic Components Datasheet Search
  English  ▼

X  

MIC2172YN Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC2172YN
Description  100kHz 1.25A Switching Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172YN Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC2172YN Datasheet HTML 8Page - Micrel Semiconductor MIC2172YN Datasheet HTML 9Page - Micrel Semiconductor MIC2172YN Datasheet HTML 10Page - Micrel Semiconductor MIC2172YN Datasheet HTML 11Page - Micrel Semiconductor MIC2172YN Datasheet HTML 12Page - Micrel Semiconductor MIC2172YN Datasheet HTML 13Page - Micrel Semiconductor MIC2172YN Datasheet HTML 14Page - Micrel Semiconductor MIC2172YN Datasheet HTML 15Page - Micrel Semiconductor MIC2172YN Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MIC2172/3172
Micrel, Inc.
M9999-042205
12
April 2005
V
OUT = required output voltage
V
F = D1 forward voltage drop
For the example in figure 11.
I
OUT = 0.14A
I
CL = 1.147A
V
IN = 4.75V (minimum)
δ = 0.623
V
OUT = 12.0V
V
F = 0.6V
Then:
I
OUT ≤
1.147
2
 × 4.75 × 0.623
12
I
OUT ≤ 0.141A
This value is greater than the 0.14A output current require-
ment so we can proceed to find the inductance value of L1.
(2)
L1 ≤
V
IN δ
()
2
2 P
OUT fSW
Where:
P
OUT = 12 × 0.14 = 1.68W
f
SW = 1×10
5Hz (100kHz)
For our practical example:
L1 ≤
4.75 × 0.623
()
2
2 × 1.68 × 1× 105
I
L1 ≤ 26.062µH (use 27µH)
Equation (3) solves for L1’s maximum current value.
(3)
I
L1(peak) =
V
IN TON
L1
Where:
T
ON = δ / fSW = 6.23×10
-6 sec
I
L1(peak) =
4.75 × 6.23 × 10-6
27 × 10-6
I
L1(peak) = 1.096A
Use a 27µH inductor with a peak current rating of at least
1.4A.
Flyback Conversion
Flyback converter topology may be used in low power appli-
cations where voltage isolation is required or whenever the
input voltage can be less than or greater than the output
voltage. As with the step-up converter the inductor (trans-
former primary) current can be continuous or discontinuous.
Discontinuous operation is recommended.
Figure 12 shows a practical flyback converter design using
the MIC3172.
Switch Operation
During Q1’s on time (Q1 is the internal NPN transistor—see
block diagrams), energy is stored in T1’s primary inductance.
During Q1’s off time, stored energy is partially discharged into
C4 (output filter capacitor). Careful selection of a low ESR
capacitor for C4 may provide satisfactory output ripple volt-
age making additional filter stages unnecessary.
C1 (input capacitor) may be reduced or eliminated if the
MIC3172 is located near a low impedance voltage source.
Output Diode
The output diode allows T1 to store energy in its primary
inductance (D2 nonconducting) and release energy into C4
(D2 conducting). The low forward voltage drop of a Schottky
diode minimizes power loss in D2.
Frequency Compensation
A simple frequency compensation network consisting of R3
and C2 prevents output oscillations.
High impedance output stages (transconductance type) in
the MIC2172/3172 often permit simplified loop-stability solu-
tions to be connected to circuit ground, although a more
conventional technique of connecting the components from
the error amplifier output to its inverting input is also possible.
Voltage Clipper
Care must be taken to minimize T1’s leakage inductance,
otherwise it may be necessary to incorporate the voltage
clipper consisting of D1, R4, and C3 to avoid second break-
down (failure) of the MIC3172’s power NPN Q1.
Enable/Shutdown
The MIC3172 includes the enable/shutdown feature. When
the device is shutdown, total supply current is less than 1µA.
This is ideal for battery applications where portions of a
system are powered only when needed. If this feature is not
required, simply connect EN to V
IN or to a TTL high voltage.
Discontinuous Mode Design
When designing a discontinuous flyback converter, first de-
termine whether the device can safely handle the peak
primary current demand placed on it by the output power.
Equation (8) finds the maximum duty cycle required for a
given input voltage and output power. If the duty cycle is
greater than 0.8, discontinuous operation cannot be used.
(8)
δ ≥
2 P
OUT
I
CL VIN(min)
For a practical example let:
P
OUT = 5.0V × 0.25A = 1.25W
V
IN = 4.0V to 6.0V
I
CL = 1.25A when δ < 50%
0.833 (2 – δ) when δ ≥ 50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com