Electronic Components Datasheet Search
  English  ▼

X  

MIC2172YN Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC2172YN
Description  100kHz 1.25A Switching Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172YN Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC2172YN Datasheet HTML 9Page - Micrel Semiconductor MIC2172YN Datasheet HTML 10Page - Micrel Semiconductor MIC2172YN Datasheet HTML 11Page - Micrel Semiconductor MIC2172YN Datasheet HTML 12Page - Micrel Semiconductor MIC2172YN Datasheet HTML 13Page - Micrel Semiconductor MIC2172YN Datasheet HTML 14Page - Micrel Semiconductor MIC2172YN Datasheet HTML 15Page - Micrel Semiconductor MIC2172YN Datasheet HTML 16Page - Micrel Semiconductor MIC2172YN Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
MIC2172/3172
Micrel, Inc.
M9999-042205
16
April 2005
MIC3172
VIN
VSW
FB
COMP
C1
VIN
4.5V to 20V
EN
GND
P1 P2 S
Enable (On)
Shutdown (Off)
Cold Cathode
Fluorescent
Lamp
R5
Intensity
Control
R1
D1
R2
Q1
Q2
C2
C3
C4
C5
R3
R4
D3
1N4148
D2
1N4148
T1
L1
300µH
L1: Coiltronics CTX300-4P
T1: Coiltronics CTX110602
C2: Polyfilm, WIMA FKP2 0.1µF to 0.68µF
C4: 15pF to 30pF, 3kV min.
Figure 15. LCD Backlight Fluorescent Lamp Supply
On/Off Control
Especially important for battery powered applications, the
lamp can be remotely or automatically turned off using the
MIC3172’s EN pin. The entire circuit draws less than 1µA
while shutdown.
Efficiency
To obtain maximum circuit efficiency careful selection of Q1
and Q2 for low collector to emitter saturation voltage is a
must. Inductor L1 should be chosen for minimal core and
copper losses at the switching frequency of the MIC3172, and
T1 should be carefully constructed from magnetic materials
optimized for the output power required at the Royer oscillator
frequency.
Suitable inductors may be obtained from
Coiltronics, Inc., tel: (407) 241-7876.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com