Electronic Components Datasheet Search
  English  ▼

X  

US8030 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # US8030
Description  LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

US8030 Datasheet(HTML) 3 Page - Renesas Technology Corp

  US8030 Datasheet HTML 1Page - Renesas Technology Corp US8030 Datasheet HTML 2Page - Renesas Technology Corp US8030 Datasheet HTML 3Page - Renesas Technology Corp US8030 Datasheet HTML 4Page - Renesas Technology Corp US8030 Datasheet HTML 5Page - Renesas Technology Corp US8030 Datasheet HTML 6Page - Renesas Technology Corp US8030 Datasheet HTML 7Page - Renesas Technology Corp US8030 Datasheet HTML 8Page - Renesas Technology Corp US8030 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
IDTUS8030
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
USB SWITCH
IDT™ LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
3
IDTUS8030
REV F 082108
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the IDTUS8030. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range. All voltages referenced to
ground.
Recommended Operating Conditions 2
Note 1: The input and output negative voltage ratings may be exceeded if the input and output diode current ratings
are observed. DC switch voltage may never exceed 4.6V
Note 2: Control input must be held HIGH or LOW and it must not float.
Symbol
Parameter
Rating
VCC
Supply Voltage
-0.5 V to 4.6 V
VCNTRL
DC Input Voltage 1
-0.5 V to 4.6 V
VSW
DC Switch Voltage 1
-0.5 V to VCC + 0.3 V
-0.5 V to 5.25 V
IIK
DC Input Diode Current
-50 mA
IOUT
DC Output Current
50 mA
TSTG
Storage Temperature
-65°C to 150°C
ESD
ESD (Human Body Mode)
All Pins
I/O to GND
8.0 kV
8.0 kV
Symbol
Parameter
Rating
VCC
Supply Voltage
3.0 V to 4.3 V
VSW
Switch Voltage
0V to VCC
VIN
Control Input Voltage
0V to VCC
TA
Operating Temperature
-40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com