Electronic Components Datasheet Search
  English  ▼

X  

US8030 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # US8030
Description  LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

US8030 Datasheet(HTML) 4 Page - Renesas Technology Corp

  US8030 Datasheet HTML 1Page - Renesas Technology Corp US8030 Datasheet HTML 2Page - Renesas Technology Corp US8030 Datasheet HTML 3Page - Renesas Technology Corp US8030 Datasheet HTML 4Page - Renesas Technology Corp US8030 Datasheet HTML 5Page - Renesas Technology Corp US8030 Datasheet HTML 6Page - Renesas Technology Corp US8030 Datasheet HTML 7Page - Renesas Technology Corp US8030 Datasheet HTML 8Page - Renesas Technology Corp US8030 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
IDTUS8030
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
USB SWITCH
IDT™ LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
4
IDTUS8030
REV F 082108
DC Electrical Characteristics
Unless stated otherwise, typical values are at 25°C
Notes:
1. Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined
by the lower of the voltage on the two pins.
2. Guaranteed by design.
AC Electrical Characteristics
Unless stated otherwise, typical values are for VCC = 3.3 V at 25°C
Note 1: Guaranteed by design.
Symbol
Parameter
Conditions
VCC (V)
TA = -40°C to +85°C
Units
Min.
Typ.
Max.
VIK
Clamp Diode Voltage
IIN = -18 mA
3.0
-1.2
V
VIH
Input Voltage HIGH
3.0 to 3.6
1.3
V
4.3
1.7
VIL
Input Voltage LOW
3.0 to 3.6
0.5
V
4.3
0.7
IIN
Control Input Leakage
VSW = 0V to VCC
4.3
-1.0
1.0
µA
IOZ
OFF State Leakage
0 < Dn, HSD1n, HSD2n < VCC
4.3
-2.0
2.0
µA
IOFF
Power OFF Leakage
Current (D+, D-)
VSW = 0V to 4.3 V
VCC = 0V
0-2.0
2.0
µA
RON
Switch On Resistance 1
VSW = 0.4 V, ION = -8 mA
3.0
6.5
10.0
Ω
VSW = 0V, IO = 30 mA @ 25°C
3.6
7.0
RON
Delta RON
2
VSW = 0.4 V, ION = -8 mA
3.0
0.35
1
Ω
RON Flatness
RON Flatness
1
VSW = 0V to 1.0 V, ION = -8 mA
3.0
2.0
Ω
ICC
Quiescent Supply Current
VCNTRL = 0V or VCC, IOUT = 0
4.3
1.0
µA
ICCT
Increase in ICC Current per
Control voltage and
VCC levels
VCNTRL (Control Input) = 2.6 V
4.3
10.0
µA
Symbol
Parameter
Conditions
VCC (V)
TA = -40°C to +85°C
Units
Min.
Typ.
Max.
tON
Turn ON Time S, OE to output
VIN = 0.8 V, RL = 50Ω, CL = 5 pF
3.0 to 3.6
13.0
30.0
ns
tOFF
Turn OFF Time S, OE to output VIN = 0.8 V, RL = 50Ω, CL = 5 pF
3.0 to 3.6
12.0
25.0
ns
tPD
Propagation Delay 1
RL = 50Ω, CL = 5 pF
3.3
0.25
ns
TBBM
Break-Before-Make
VIN = 0.8 V, RL = 50Ω, CL = 5 pF
3.0 to 3.6
2.0
6.5
ns
OIRR
OFF Isolation (non-adjacent)
RT = 50Ω, f = 240 MHz
3.0 to 3.6
-30.0
dB
Xtalk
Non-adjacent Channel
Crosstalk
RT = 50Ω, f = 240 MHz
3.0 to 3.6
-45.0
dB
BW
-3dB Bandwidth
RT = 50Ω, CL = 0 pF
3.0 to 3.6
850
MHz
RT = 50Ω, CL = 5 pF
650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com