Electronic Components Datasheet Search
  English  ▼

X  

US8030 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # US8030
Description  LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

US8030 Datasheet(HTML) 1 Page - Renesas Technology Corp

  US8030 Datasheet HTML 1Page - Renesas Technology Corp US8030 Datasheet HTML 2Page - Renesas Technology Corp US8030 Datasheet HTML 3Page - Renesas Technology Corp US8030 Datasheet HTML 4Page - Renesas Technology Corp US8030 Datasheet HTML 5Page - Renesas Technology Corp US8030 Datasheet HTML 6Page - Renesas Technology Corp US8030 Datasheet HTML 7Page - Renesas Technology Corp US8030 Datasheet HTML 8Page - Renesas Technology Corp US8030 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATASHEET
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8030
IDT™ LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
1
IDTUS8030
REV F 082108
Description
The IDTUS8030 is a low power, dual SPDT 2-port hi-speed
USB 2.0 switch. This part is configured as a single pole,
double throw switch and is optimized for switching or
isolating a hi-speed (480 Mbps) source or a hi-speed and
full-speed (12 Mbps) source. The IDTUS8030 is compatible
with the requirements of USB2.0 and features an extremely
low ON capacitance (CON) of 3.7 pF. The wide bandwidth of
this device (>720 MHz) exceeds the bandwidth needed to
pass the 3rd harmonic, resulting in signals with minimum
edge and phase distortion. Superior channel-to-channel
crosstalk also minimizes interference.
Applications
• Notebooks, PDAs
• Cellular phones, Digital cameras
• LCD monitors, TVs, Set-top Boxes
Features
• Low On capacitance, 3.7 pF (typical)
• Low On resistance, 6.5Ω (typical)
• Low power consumption (1 µA maximum)
– 10 µA maximum ICCT over an expanded control
voltage range (VIN=2.6 V, VCC=4.3 V)
• Wide -3dB bandwidth, > 850 MHz
• Bi-directional operation
• 8 kV ESD protection
• Packaged in RoHS compliant 10-lead µMLP (1.4
x1.8mm)
• Industrial temperature range (-40 to +85°C)
Block Diagram
Control
IDTUS8030
OE
1B
1
2A
S
1B
2
2B
1
2B
2
1A


Similar Part No. - US8030

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
US8030NDGI IDT-US8030NDGI Datasheet
264Kb / 13P
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
US8030NDGI8 IDT-US8030NDGI8 Datasheet
264Kb / 13P
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
More results

Similar Description - US8030

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8032 IDT-IDTUS8032 Datasheet
309Kb / 16P
LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com