Electronic Components Datasheet Search
  English  ▼

X  

MP8794 Datasheet(PDF) 5 Page - MPS Industries, Inc.

Part # MP8794
Description  16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8794 Datasheet(HTML) 5 Page - MPS Industries, Inc.

  MP8794 Datasheet HTML 1Page - MPS Industries, Inc. MP8794 Datasheet HTML 2Page - MPS Industries, Inc. MP8794 Datasheet HTML 3Page - MPS Industries, Inc. MP8794 Datasheet HTML 4Page - MPS Industries, Inc. MP8794 Datasheet HTML 5Page - MPS Industries, Inc. MP8794 Datasheet HTML 6Page - MPS Industries, Inc. MP8794 Datasheet HTML 7Page - MPS Industries, Inc. MP8794 Datasheet HTML 8Page - MPS Industries, Inc. MP8794 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MP8794
– 16V, 20A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8794 Rev. 1.0
www.MonolithicPower.com
5
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) .....................................18V
VSW(DC)...................................-0.3V to VIN + 0.3V
VSW (25ns) (2)................................... -3V to +25V
VSW (25ns) ...................................... -5V to +25V
VBST .......................................... -0.3V to +22.3V
VCC, EN ......................................................4.5V
All other pins............................... -0.3V to +4.3V
Junction temperature ............................... 170°C
Lead temperature .................................... 260°C
Storage temperature ................ -65°C to +170°C
ESD Rating
Human body model (HBM) ......................2000V
Charged device model (CDM)....................750V
Recommended Operating Conditions (3)
Supply voltage (VIN) ........................... 4V to 16V
VIN(DC) - VSW(DC) (4) ..................-0.3V to VIN + 0.3V
VSW(DC) (4)...............................-0.3V to VIN + 0.3V
Output voltage (VOUT)..................... 0.6V to 5.5V
External VCC bias (VCC_EXT) ......... 3.12V to 3.6V
Maximum output current (IOUT_MAX) ...............20A
Maximum output current limit (IOC_MAX) .........24A
Maximum peak inductor current (IL_PEAK) ......28A
EN voltage (VEN) ........................................3.6V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance
θJA
θJC
QFN-21 (3mmx4mm)
EVL8794-LE-00A (5).............29........ 4 ....... °C/W
JESD51-7 (6) ........................50....... 12 ...... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) Measured using a differential oscilloscope probe.
3) The device is not guaranteed to function outside of its
operating conditions.
4) The voltage rating can be in the range of -3V to +23V for a
period of 25ns or less with a maximum repetition rate of
1000kHz when the input voltage is 16V.
5) Measured on EVL8794-LE-00A, 4-layer PCB, 78mmx81mm.
6)
The value of θ
JA given in this table is only valid for comparison
with other packages and cannot be used for design purposes.
These values were calculated in accordance with JESD51-7,
and simulated on a specified JEDEC board. They do not
represent the performance obtained in an actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com