Electronic Components Datasheet Search
  English  ▼

X  

MP8794 Datasheet(PDF) 16 Page - MPS Industries, Inc.

Part # MP8794
Description  16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8794 Datasheet(HTML) 16 Page - MPS Industries, Inc.

Back Button MP8794 Datasheet HTML 12Page - MPS Industries, Inc. MP8794 Datasheet HTML 13Page - MPS Industries, Inc. MP8794 Datasheet HTML 14Page - MPS Industries, Inc. MP8794 Datasheet HTML 15Page - MPS Industries, Inc. MP8794 Datasheet HTML 16Page - MPS Industries, Inc. MP8794 Datasheet HTML 17Page - MPS Industries, Inc. MP8794 Datasheet HTML 18Page - MPS Industries, Inc. MP8794 Datasheet HTML 19Page - MPS Industries, Inc. MP8794 Datasheet HTML 20Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MP8794
– 16V, 20A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8794 Rev. 1.0
www.MonolithicPower.com
16
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
If the feedback voltage (VFB) exceeds 116% of
the reference voltage (VREF), OVP is triggered.
The LS-FET remains on until it triggers the low-
side negative current limit (NOCP). Once the
LS-FET triggers NOCP, the LS-FET turns off for
200ns; the HS-FET turns on during this period.
After 200ns, the LS-FET turns on again. The
MP8794 repeats this operation to discharge any
over-voltage on the output. The MP8794 exits
this mode when VFB drops below 105% of VREF.
Over-Temperature Protection (OTP)
The MP8794 has over-temperature protection
(OTP).
The
IC
monitors
the
junction
temperature
internally.
If
the
junction
temperature
exceeds
the
threshold
value
(typically 160°C), the MP8794 latches off the
HS-FET immediately and latches off the LS-
FET once ZC is detected Meanwhile, the SS
capacitor is also discharged. Once the junction
temperature drops to about 130°C, a soft start
is initiated. The OTP function is effective once
the MP8794 is enabled.
Output Voltage Setting and Remote Output
Voltage Sensing
First, choose a value for RFB1. Then RFB2 can be
determined with Equation (4):
REF
FB2
FB1
O
REF
V
R
(k )
R
(k )
VV
 
(4)
To optimize the load transient response, a feed-
forward capacitor (CFF) should be placed in
parallel with RFB1. RFB1 and CFF add an extra
zero frequency to the system, which improves
loop response. RFB1 and CFF are selected so
that the zero frequency formed by RFB1 and CFF
is located at about
20kHz to 60kHz.
Calculate this zero frequency with Equation (5):
Z
FB1
FF
1
f
2
R
C
 
(5)
Power Good (PGOOD)
The MP8794 has a power good output pin
(PGOOD). PGOOD is the open-drain of a
MOSFET. Connect PGOOD to VCC or another
external voltage source below 3.6V through a
pull-up resistor (typically 10
kΩ). After applying
the input voltage, the MOSFET turns on, so
PGOOD is pulled to GND before SS is ready.
After the FB voltage reaches 92.5% of VREF and
a 0.9ms delay , PGOOD is pulled high.
When VFB drops to 80% of VREF or exceeds
116% of the nominal VREF, PGOOD is latched
low. PGOOD can only be pulled high again
after a new SS.
If the input supply fails to power the MP8794,
PGOOD is clamped low, even though PGOOD
is tied to an external DC source through a pull-
up resistor. Figure 5 shows the relationship
between the PGOOD voltage and the pull-up
current.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
0.6
0.7
0.8
0.9
VPG (V)
Figure 5: PGOOD Clamped Voltage vs. Pull-Up
Current
Enable (EN) Configuration
The MP8794 turns on when EN goes high. The
MP8794 turns off when EN goes low. Do not
leave EN floating. EN can be driven by an
analog or digital control logic signal to enable or
disable the MP8794. The MP8794 provides
accurate EN thresholds, so a resistor divider
from VIN to AGND can be used to program the
input voltage at which the MP8794 is enabled.
This is highly recommended for applications
where there is no dedicated EN control logic
signal. This avoids possible UVLO bouncing
during start-up and shutdown. The resistor
divider values can be determined with Equation
(6):
DOWN
DOWN
UP
EN
START
IN
R
R
R
VIH
V
V
)
(
_
(6)
Where VIHEN is typically 1.22V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com