Electronic Components Datasheet Search
  English  ▼

X  

MP8794 Datasheet(PDF) 15 Page - MPS Industries, Inc.

Part # MP8794
Description  16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8794 Datasheet(HTML) 15 Page - MPS Industries, Inc.

Back Button MP8794 Datasheet HTML 11Page - MPS Industries, Inc. MP8794 Datasheet HTML 12Page - MPS Industries, Inc. MP8794 Datasheet HTML 13Page - MPS Industries, Inc. MP8794 Datasheet HTML 14Page - MPS Industries, Inc. MP8794 Datasheet HTML 15Page - MPS Industries, Inc. MP8794 Datasheet HTML 16Page - MPS Industries, Inc. MP8794 Datasheet HTML 17Page - MPS Industries, Inc. MP8794 Datasheet HTML 18Page - MPS Industries, Inc. MP8794 Datasheet HTML 19Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
MP8794
– 16V, 20A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8794 Rev. 1.0
www.MonolithicPower.com
15
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
The feedback voltage (VFB) follows this external
voltage signal, and the soft-start settings are
ignored. The REF/TRK input signal can range
from 0.3V to 1.4V. During initial start-up, the
REF/TRK pin must reach at least 600mV to
ensure proper operation. After that, it can be set
to any value between 0.3V and 1.4V.
Pre-Bias Start-Up
The MP8794 is designed for monotonic start-up
into pre-biased loads. If the output is pre-biased
to a certain voltage during start-up, the IC
disables switching for both the HS-FET and LS-
FET until the voltage on the SS capacitor
exceeds the sensed output voltage at FB. If the
BST voltage (from BST to SW) is below 2.3V
before the REF/TRK voltage reaches the pre-
biased FB level, the LS-FET turns on to allow
the BST voltage to be charged through VCC.
The LS-FET turns on for narrow pulses, so the
drop in the pre-biased level is negligible.
Output Voltage Discharge
When the MP8794 is disabled through EN,
output voltage discharge mode is enabled. This
causes both the HS-FET and LS-FET to latch
off. A discharge FET connected between SW
and PGND is turned on to discharge the output
voltage. The typical switch on resistance of this
FET is about 80Ω. Once VFB drops below 10%
of VREF, the discharge FET turns off.
Current Sense and Over-Current Protection
(OCP)
The MP8794 features an on-die current sense
and
a
configurable
positive
current
limit
threshold.
The current limit is active when the MP8794 is
enabled. When the LS-FET is on, the SW
current
(inductor
current)
is
sensed
and
mirrored to CS with the ratio of GCS. By using a
resistor (RCS) from CS to AGND, VCS is
proportional to the SW current cycle by cycle.
The HS-FET turns on only when VCS drops
below the internal over-current protection (OCP)
voltage threshold (VOCP) while the LS-FET is on
to limit the SW valley current cycle by cycle.
Calculate the current limit threshold setting from
RCS with Equation (3):
OCP
CS
IN
O
O
CS
LIM
IN
SW
V
R ( )
(V
V ) V
1
G
(I
)
V
2 L f



(3)
Where VOCP = 1.2V, GCS = 10µA/A, and ILIM is
the desired output current limit (in A).
OCP hiccup becomes active 3ms after the
MP8794 is enabled. Once OCP hiccup is active,
if the MP8794 detects an over-current condition
for 31 consecutive cycles, or if VFB drops below
the under-voltage protection (UVP) threshold,
the device enters hiccup mode. In hiccup mode,
the
MP8794
latches
off
the
HS-FET
immediately and latches off the LS-FET after
zero-current cross detection (ZCD). Meanwhile,
the SS capacitor is also discharged.
After about 11ms, the MP8794 attempts to soft
start automatically. If the over-current condition
still remains after 3ms, the MP8794 repeats this
operation cycle until the over-current condition
is removed. Then the output voltage smoothly
rises back to the regulation level.
Negative Inductor Current Limit
When the LS-FET detects a -18A current, the
MP8794 turns off the LS-FET for 200ns to limit
the negative current.
Output Sinking Mode (OSM)
The MP8794 employs output sinking mode
(OSM) to regulate the output voltage to the
targeted value. When VFB exceeds 104% of
VREF but is below the OVP threshold, it triggers
OSM. During OSM operation, the LSFET
remains on until it reaches the -5.5A negative
current limit. Upon reaching -5.5A, the LS-FET
turns off for 200ns; the HS-FET turns on during
this period. After 200ns, the LS-FET turns on
again. The MP8794 maintains this operation
until VFB drops below 102% of VREF. Once it
does,
the
MP8794
exits
OSM
after
15
consecutive cycles of forced CCM.
Over-Voltage Protection (OVP)
The MP8794 monitors the output voltage by
connecting FB to the tap of the output voltage
feedback resistor divider to detect an over-
voltage condition. This provides hiccup over-
voltage protection (OVP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com