Electronic Components Datasheet Search
  English  ▼

X  

NB650 Datasheet(PDF) 10 Page - MPS Industries, Inc.

Part # NB650
Description  High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

NB650 Datasheet(HTML) 10 Page - MPS Industries, Inc.

Back Button NB650 Datasheet HTML 6Page - MPS Industries, Inc. NB650 Datasheet HTML 7Page - MPS Industries, Inc. NB650 Datasheet HTML 8Page - MPS Industries, Inc. NB650 Datasheet HTML 9Page - MPS Industries, Inc. NB650 Datasheet HTML 10Page - MPS Industries, Inc. NB650 Datasheet HTML 11Page - MPS Industries, Inc. NB650 Datasheet HTML 12Page - MPS Industries, Inc. NB650 Datasheet HTML 13Page - MPS Industries, Inc. NB650 Datasheet HTML 14Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NB650/NB650H
– 6A, 28V, FAST-TRANSIENT, SYNCHRONOUS STEP-DOWN CONVERTERS
NB650/NB650H Rev. 1.13
www.MonolithicPower.com
10
10/7/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2019 MPS. All Rights Reserved.
following equation determines the critical level of
the output current:
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2 L f
V

 
(2)
When the output current exceeds the critical
level, light load mode turns into PWM mode, and
the switching frequency stays fairly constant over
the output current range.
Switching Frequency
The
NB650/NB650H
uses
constant-on-time
(COT) control, and has no dedicated internal
oscillator. The input voltage is feed-forwarded to
the on-time one-shot timer through the resistor
RFREQ. The duty ratio is kept as VOUT/VIN. Hence,
the switching frequency is fairly constant over the
input voltage range. The switching frequency can
be set as follows:
6
1
2
1
10
4
0
6
9


)
ns
(
t
)
V
(
V
)
V
(
V
)
ns
(
t
.
)
V
(
V
)
k
(
R
.
)
kHz
(
f
DELAY
OUT
IN
DELAY
IN
FREQ
SW
(3)
Where tDELAY2 is another comparator delay of
about 40ns.
Figure 4: Plot of VOUT as a Function of RFREQ and
the Frequency
NB650/NB650H is optimized to operate at high
switching frequencies at high efficiency. Higher
switching frequencies allow for smaller LC filter
components to reduce system PCB space.
Jitter and FB Ramp Slope
Figure 5 and Figure 6 show jitter in both PWM
and skip modes. When there is noise in the VFB
downward slope, the ON time of
HS-FET
deviates from its intended level and produces
jitter. There
is a relationship between a system’s
stability and the steepness of the VFB ripple’s
downward slope: The steepness of the VFB
ripple
’s slope dominates in noise immunity. The
magnitude of the VFB ripple doesn’t directly affect
the noise immunity.
Figure 5: Jitter in PWM Mode
Figure 6: Jitter in Skip Mode
Ramp with Large ESR Cap
When
using
POSCAPs
or
other
types
of
capacitors with larger ESR as output capacitors.
the ESR ripple dominates the output ripple, and
the slope on the FB is ESR-related. Figure 7
shows an equivalent circuit in PWM mode with
the HS-FET off and without an external ramp
circuit. The application section includes design
steps for large ESR capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com