Electronic Components Datasheet Search
  English  ▼

X  

NB650 Datasheet(PDF) 18 Page - MPS Industries, Inc.

Part # NB650
Description  High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

NB650 Datasheet(HTML) 18 Page - MPS Industries, Inc.

Back Button NB650 Datasheet HTML 12Page - MPS Industries, Inc. NB650 Datasheet HTML 13Page - MPS Industries, Inc. NB650 Datasheet HTML 14Page - MPS Industries, Inc. NB650 Datasheet HTML 15Page - MPS Industries, Inc. NB650 Datasheet HTML 16Page - MPS Industries, Inc. NB650 Datasheet HTML 17Page - MPS Industries, Inc. NB650 Datasheet HTML 18Page - MPS Industries, Inc. NB650 Datasheet HTML 19Page - MPS Industries, Inc. NB650 Datasheet HTML 20Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
NB650/NB650H
– 6A, 28V, FAST-TRANSIENT, SYNCHRONOUS STEP-DOWN CONVERTERS
NB650/NB650H Rev. 1.13
www.MonolithicPower.com
18
10/7/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2019 MPS. All Rights Reserved.
Figure 14: Typical Application Circuit with Low-ESR Ceramic Capacitor and DC-Blocking Capacitor
VIN =12V, VOUT = 1.05/1.10/1.15/1.20V, IOUT = 6A, fSW = 550kHz
Figure 15: Typical Application Circuit
VIN = 19V, VOUT = 0.65/0.75/0.80/0.90V, IOUT = 6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com