Electronic Components Datasheet Search
  English  ▼

X  

NB650 Datasheet(PDF) 16 Page - MPS Industries, Inc.

Part # NB650
Description  High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

NB650 Datasheet(HTML) 16 Page - MPS Industries, Inc.

Back Button NB650 Datasheet HTML 12Page - MPS Industries, Inc. NB650 Datasheet HTML 13Page - MPS Industries, Inc. NB650 Datasheet HTML 14Page - MPS Industries, Inc. NB650 Datasheet HTML 15Page - MPS Industries, Inc. NB650 Datasheet HTML 16Page - MPS Industries, Inc. NB650 Datasheet HTML 17Page - MPS Industries, Inc. NB650 Datasheet HTML 18Page - MPS Industries, Inc. NB650 Datasheet HTML 19Page - MPS Industries, Inc. NB650 Datasheet HTML 20Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
NB650/NB650H
– 6A, 28V, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER
NB650/NB650H Rev. 1.13
www.MonolithicPower.com
16
10/7/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2019 MPS. All Rights Reserved.
12mΩ is required to ensure stable operation of
the converter. For simplification, the output ripple
can be approximated as:
OUT
OUT
OUT
ESR
SW
IN
VV
V
(1
) R
f
L
V
 
(32)
Inductor
The inductor supplies constant current to the
output load while being driven by the switching
input voltage. A larger value inductor results in
less ripple current, which results in lower output
ripple voltage. However, a larger value inductor is
physically larger, has a higher series resistance,
and/or lower saturation current. To determine the
inductor value, allow the inductor peak-to-peak
ripple current to reach approximately 30% to 40%
of the maximum switch current limit. Make sure
that the peak inductor current is below the
maximum switch current limit. The inductance
value can be calculated as:
OUT
OUT
SW
L
IN
VV
L
(1
)
f
I
V
 

(33)
Where ΔIL is the peak-to-peak inductor ripple cur
rent.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated as:
OUT
OUT
LP
OUT
SW
IN
VV
I
I
(1
)
2f
L
V
 
(34)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com