Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD047 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD047
Description  MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD047 Datasheet(HTML) 1 Page - Texas Instruments

  SN65MLVD047 Datasheet HTML 1Page - Texas Instruments SN65MLVD047 Datasheet HTML 2Page - Texas Instruments SN65MLVD047 Datasheet HTML 3Page - Texas Instruments SN65MLVD047 Datasheet HTML 4Page - Texas Instruments SN65MLVD047 Datasheet HTML 5Page - Texas Instruments SN65MLVD047 Datasheet HTML 6Page - Texas Instruments SN65MLVD047 Datasheet HTML 7Page - Texas Instruments SN65MLVD047 Datasheet HTML 8Page - Texas Instruments SN65MLVD047 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
1A
2A
3A
4A
1 Y
1 Z
2 Y
2 Z
3 Y
3 Z
4 Y
4 Z
LOGIC DIAGRAM (POSITIVE LOGIC)
EN
EN
SN65MLVD047
SLLS606A – MARCH 2004 – REVISED JULY 2005
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
•
Differential Line Drivers for 30-
Ω to 55-Ω
The SN65MLVD047 is a quadruple line driver. The
Loads and Data Rates(1) Up to 200 Mbps,
output current of this device has been increased, in
Clock Frequencies up to 100 MHz
comparison to standard LVDS compliant devices, in
order to support doubly terminated transmission lines
•
Supports Multipoint Bus Architectures
and heavily loaded backplane bus applications.
•
Operates from a Single 3.3-V Supply
Backplane applications generally require impedance
•
Characterized for Operation from –40
°C to
matching termination resistors at both ends of the
85
°C
bus. The effective impedance of a doubly terminated
bus can be as low as 30
Ω due to the bus
•
16-Pin SOIC (JEDEC MS-012) and 16-Pin
terminations, as well as the capacitive load of bus
TSSOP (JEDEC MS-153) Packaging
interface devices. SN65MLVD047 drivers allow for
operation
with
loads
as
low
as
30
Ω. The
SN65MLVD047 devices allow for multiple drivers to
•
Clock Distribution
be present on a single bus. Driver edge rate control is
•
Backplane or Cabled Multipoint Data Trans-
incorporated
to
support
operation.
The
mission in Telecommunications, Automotive,
SN65MLVD047 provides 9-kV ESD protection on all
Industrial, and Other Computer Systems
bus pins.
•
Cellular Base Stations
•
Central-Office and PBX Switching
•
Bridges and Routers
•
Low-Power High-Speed Short-Reach Alterna-
tive to TIA/EIA-485(1)
(1)
The data rate of a line is the number of voltage transitions that
are made per second expressed in the units bps (bits per
second).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65MLVD047

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI2-SN65MLVD047 Datasheet
514Kb / 23P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
REVISED JULY 2005
SN65MLVD047 TI2-SN65MLVD047 Datasheet
512Kb / 23P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
REVISED JULY 2005
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI2-SN65MLVD047A Datasheet
893Kb / 26P
SN65MLVD047A Multipoint-LVDS Quad Differential Line Driver
REVISED MARCH 2024
More results

Similar Description - SN65MLVD047

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com