Electronic Components Datasheet Search
  English  ▼

X  

ES9033QT Datasheet(PDF) 71 Page - ESS Technology,Inc

Part # ES9033QT
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033QT Datasheet(HTML) 71 Page - ESS Technology,Inc

Back Button ES9033QT Datasheet HTML 67Page - ESS Technology,Inc ES9033QT Datasheet HTML 68Page - ESS Technology,Inc ES9033QT Datasheet HTML 69Page - ESS Technology,Inc ES9033QT Datasheet HTML 70Page - ESS Technology,Inc ES9033QT Datasheet HTML 71Page - ESS Technology,Inc ES9033QT Datasheet HTML 72Page - ESS Technology,Inc ES9033QT Datasheet HTML 73Page - ESS Technology,Inc ES9033QT Datasheet HTML 74Page - ESS Technology,Inc ES9033QT Datasheet HTML 75Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 103 page
background image
0.3.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800
ES9033 Datasheet Information
71
Register 52: FILTER CONFIG
Bits
[7]
[6]
[5]
[4:3]
[2:0]
Default
1’b0
1’b1
1’b0
2’b01
3’d0
Bits
Mnemonic
Description
[7]
AUTO_CH_DETECT
Auto detect BCK/FRAME ratio to determine the number of
TDM channels.
•
1’b0: Disabled (default)
•
1’b1: Enabled
[6]
BYPASS_DEEMPH
De-emphasis filter control for ch1/2 only.
•
1’b0: Enabled
•
1’b1: Disables de-emphasis filters (default)
[5]
PEAK_FILTER
DRE peak filter control.
•
1’b0: Disabled (default)
•
1’b1: Enabled
[4:3]
SEL_DEEMPH
Configures the de-emphasis filters for various sample rate.
•
2’b00: FS=32kHz
•
2’b01: FS=44.1kHz (default)
•
2’b10: FS=48kHz
•
2’b11: Reserved
[2:0]
FILTER_SHAPE
Selects the 8x interpolation FIR filter shape.
•
3’d0: Minimum phase (default)
•
3’d1: Linear phase apodizing
•
3’d2: Linear phase fast roll-off
•
3’d3: Linear phase fast roll-off low ripple
•
3’d4: Linear phase slow roll-off
•
3’d5: Minimum phase fast roll-off
•
3’d6: Minimum phase slow roll-off
•
3’d7: Minimum phase slow roll-off low dispersion
Register 53: RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com