Electronic Components Datasheet Search
  English  ▼

X  

ES9033QT Datasheet(PDF) 86 Page - ESS Technology,Inc

Part # ES9033QT
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033QT Datasheet(HTML) 86 Page - ESS Technology,Inc

Back Button ES9033QT Datasheet HTML 82Page - ESS Technology,Inc ES9033QT Datasheet HTML 83Page - ESS Technology,Inc ES9033QT Datasheet HTML 84Page - ESS Technology,Inc ES9033QT Datasheet HTML 85Page - ESS Technology,Inc ES9033QT Datasheet HTML 86Page - ESS Technology,Inc ES9033QT Datasheet HTML 87Page - ESS Technology,Inc ES9033QT Datasheet HTML 88Page - ESS Technology,Inc ES9033QT Datasheet HTML 89Page - ESS Technology,Inc ES9033QT Datasheet HTML 90Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 103 page
background image
a
0.3.1
ES9033 Datasheet Information
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
86
Register 202-200: PLL REGISTER7
Bits
[23]
[22]
[21]
[20]
[19]
[18]
[17:14]
[13:10]
[9:1]
[0]
Default
1’b0 1’b0 1’b0 1’b0 1’b0 1’b0 4’d0
4’d0
9’d0
1’b0
Bits
Mnemonic
Description
[23]
PLL_REG_PDB_HV
Power Down the regulators.
•
1’b0: Disable the PLL HV-regulator (default)
•
1’b1: Enable the PLL HV-regulator
[22]
PLL_REG_PDB_1V2
Power Down the regulators.
•
1’b0: Disable the PLL 1V2-regulator (default)
•
1’b1: Enable the PLL 1V2-regulator
[21:20]
RESERVED
NA
[19]
PLL_LOW_BW
PLL low bandwidth mode.
•
1’b0: (default)
•
1’b1: Normal operation, optimum setting
[18]
PLL_CLK_OUT_DIV_PHASE_EN
•
1’b0: Disabled (default)
•
1’b1: Tune the PLL clock output divider phase
according to PLL_CLK_OUT_DIV_PHASE
[17:14]
PLL_CLK_OUT_DIV_PHASE
Sets the PLL clock output divider phase
[13:10]
PLL_CLK_OUT_DIV
Sets the Output Division (No) of the PLL.
•
9’d0: Divide by 1 (default)
•
9’d1: Divide by 2
•
9’d2: Divide by 3
•
9’dn: Divide by n+1
[9:1]
PLL_CLK_IN_DIV
Sets the PLL clock input divider.
•
9’d0: Divide by 1 (default)
•
9’d1: Divide by 2
•
9’d2: Divide by 3
•
9’dn: Divide by n+1
[0]
PLL_FB_DIV_LOAD
Writes 1 then write 0 to load CLK_FB_DIV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com