Electronic Components Datasheet Search
  English  ▼

X  

ES9033QT Datasheet(PDF) 84 Page - ESS Technology,Inc

Part # ES9033QT
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033QT Datasheet(HTML) 84 Page - ESS Technology,Inc

Back Button ES9033QT Datasheet HTML 80Page - ESS Technology,Inc ES9033QT Datasheet HTML 81Page - ESS Technology,Inc ES9033QT Datasheet HTML 82Page - ESS Technology,Inc ES9033QT Datasheet HTML 83Page - ESS Technology,Inc ES9033QT Datasheet HTML 84Page - ESS Technology,Inc ES9033QT Datasheet HTML 85Page - ESS Technology,Inc ES9033QT Datasheet HTML 86Page - ESS Technology,Inc ES9033QT Datasheet HTML 87Page - ESS Technology,Inc ES9033QT Datasheet HTML 88Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 103 page
background image
a
0.3.1
ES9033 Datasheet Information
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
84
Register 195: PLL REGISTER4
Bits
[7:5]
[4:3]
[2]
[1]
[0]
Default
3’d0
2’d0
1’b0
1’b0
1’b0
Bits
Mnemonic
Description
[7:5]
PLL_CP_BIAS_SEL
Sets the PLL Charge Pump BIAS current value:
•
3b’011:4u (optimum setting, for normal operation)
[4:3]
PLL_ID_SEL
Sets the PLL Internal Delay:
•
2b’11:1.5nS (optimum setting, for normal
operation)
Note: Fixed to 1.5nS, no other possible cases
[2]
PLL_VCO_FMAX
Disables the PLL VCO’s FMAX-limiting
•
1’b0 (default): Limit is set
•
1’b1: No limit (for normal operation)
[1]
PLL_VCO_PDB
Enables/disables the PLL voltage-controlled oscillator (VCO).
•
1’b0: Disabled (default)
•
1’b1: Enabled
[0]
PLL_CP_PDB
Enables/disables the PLL charge pump.
•
1’b0: Disabled (default)
•
1’b1: Enabled
Register 196: PLL REGISTER5
Bits
[7:5]
[4:2]
[1:0]
Default
3’d0
3’d0
2’d0
Bits
Mnemonic
Description
[7:5]
PLL_VCO_BAND_CTRL
Selects the frequency band of the VCO.
•
3’b011 (for optimum operation)
[4:2]
RESERVED
NA
[1:0]
PLL_VCO_IB_AMP_CTRL
Selects the V to I Amplifier’s bias current:
•
2’b10 (for optimum operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com