Electronic Components Datasheet Search
  English  ▼

X  

ES9080Q Datasheet(PDF) 29 Page - ESS Technology,Inc

Part # ES9080Q
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080Q Datasheet(HTML) 29 Page - ESS Technology,Inc

Back Button ES9080Q Datasheet HTML 25Page - ESS Technology,Inc ES9080Q Datasheet HTML 26Page - ESS Technology,Inc ES9080Q Datasheet HTML 27Page - ESS Technology,Inc ES9080Q Datasheet HTML 28Page - ESS Technology,Inc ES9080Q Datasheet HTML 29Page - ESS Technology,Inc ES9080Q Datasheet HTML 30Page - ESS Technology,Inc ES9080Q Datasheet HTML 31Page - ESS Technology,Inc ES9080Q Datasheet HTML 32Page - ESS Technology,Inc ES9080Q Datasheet HTML 33Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
29
ES9080 Product Datasheet
Table 10 provides a list of recommended divider ratios for common input/output frequency combinations when using DATA_CLK as the input source.
The values are shown for 48kHz families. The same dividers can be used for 44.1kHz families to produce the appropriate audio clock.
Fin (MHz)
Ni
FBDIV (Nfb)
No
Fout (MHz)
1.536
2
0x40000 (128)
2
49.152
3.072
4
0x40000 (128)
2
49.152
6.144
8
0x40000 (128)
2
49.152
12.288
16
0x40000 (128)
2
49.152
24.576
32
0x40000 (128)
2
49.152
Table 10 - Recommended PLL divider ratios for DATA_CLK rates
The APLL also allows for audio clock generation for 44.1kHz families from a 48kHz compatible MCLK source. Table 11 lists divider ratios for
conversion between 48kHz and 44.1kHz families.
Fin (MHz)
Ni
FBDIV (Nfb)
No
Fout (MHz)
49.152
54
0x528F5 (99.225)
2
45.1584
24.076
27
0x528F5 (99.225)
2
45.1584
45.1584
62
0x3CB26 (134.966)
2
49.152
22.5792
31
0x3CB26 (134.966)
2
49.152
Table 11 - Recommended PLL divider ratios for MCLK 48kHz-44.1kHz clock rate conversions
APLL Configuration
Setting up the APLL requires a synchronous I2C register writes to set the divider ratios, input source and analog parameters. The following
sequences are recommended for optimal performance. For more details consult the Register Listings, Reg 192-203
The APLL must be bypassed when using an external clock source through the GPIO1 pin. When using an external clock source these register
settings should be used:
•
Reg 202 = 0x40
•
Reg 192 = 0x03
•
Reg 193 = 0xC3
Configuring the APLL with DATA_CLK input source requires setting the following registers:
•
Reg 202 = 0xC8
•
Reg 192 = 0x01
•
Reg 193 = 0x5F
•
Reg 196 = 0x43
•
Reg 197-199 = FBDIV (feedback divider value)
•
Reg 200[0] = 1’b1
•
Reg 201[1:0], Reg 200[7:1] = Ni (input divider value)
•
Reg 202[2:0], Reg 201[7:2] = No (output divider value)
•
Reg 203 = 0x30
•
Reg 195 = 0xFF
•
Reg 194 = 0x05
Note: Set AUTO_LOCK_EN (Reg 194[2]) & VREF_HOLD_ENABLE (Reg 194[0], once all other PLL registers are set.
IMPORTANT NOTE, when using the PLL, Register 202 (PLL REGISTER7) should be the first register to be configured in both
sequences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com