Electronic Components Datasheet Search
  English  ▼

X  

ES9080Q Datasheet(PDF) 138 Page - ESS Technology,Inc

Part # ES9080Q
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080Q Datasheet(HTML) 138 Page - ESS Technology,Inc

Back Button ES9080Q Datasheet HTML 134Page - ESS Technology,Inc ES9080Q Datasheet HTML 135Page - ESS Technology,Inc ES9080Q Datasheet HTML 136Page - ESS Technology,Inc ES9080Q Datasheet HTML 137Page - ESS Technology,Inc ES9080Q Datasheet HTML 138Page - ESS Technology,Inc ES9080Q Datasheet HTML 139Page - ESS Technology,Inc ES9080Q Datasheet HTML 140Page - ESS Technology,Inc ES9080Q Datasheet HTML 141Page - ESS Technology,Inc ES9080Q Datasheet HTML 142Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ES9080 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
138
w 0x90 133 0x44; //Set the Amount of dither into the NSMOD CH5/6 quantizer to best
linearity
w 0x90 134 0x44; //Set the Amount of dither into the NSMOD CH7/8 quantizer to best
linearity
//DRE Registers
w 0x90 136 0xFF; //Set the DRE to turn off the THDR at low volume for power saving, and to
swap analog and digital gain at low volume for best DNR
w 0x90 139 0xFF; //Allow DRE to still trigger is there is a small DC offset in the music.
(Some recordings have smal DC offsets in them)
w 0x90 140 0x56; //Set DRE digital gain of CH1/3/5/7 to 16.37dB to match the Analog
attenuate amount when DRE turns on
w 0x90 141 0x1A; //Set DRE digital gain of CH1/3/5/7 to 16.37dB to match the Analog
attenuate amount when DRE turns on
w 0x90 142 0x56; //Set DRE digital gain of CH2/4/6/8 to 16.37dB to match the Analog
attenuate amount when DRE turns on
w 0x90 143 0x1A; //Set DRE digital gain of CH2/4/6/8 to 16.37dB to match the Analog
attenuate amount when DRE turns on
w 0x90 144 0xF1; //Set DRE ON theshold to -48dB
w 0x90 145 0x0C; //Set DRE ON theshold to -48dB
w 0x90 146 0x84; //Set DRE OFF theshold to -28dB
w 0x90 147 0x81; //Set DRE OFF theshold to -28dB
w 0x90 148 0x8F; //Set DRE decay rate (time it takes to automatically engage DRE if the
signal drops below the DRE ON threshold
//Enable Audio
w 0x90 92 0x10;
//Toggle DAC clock Resync to line up all the clocks in the DAC core for
best analog performance
w 0x90 92 0x0F;
//Toggle DAC clock Resync to line up all the clocks in the DAC core for
best analog performance
w 0x90 92 0x00;
//Toggle DAC clock Resync to line up all the clocks in the DAC core for
best analog performance
w 0x90 0 0x02;
//Turn on the AMP
(This runs a state machine to gracefully turn on the
DAC's



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com