Electronic Components Datasheet Search
  English  ▼

X  

26LS30 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 26LS30
Description  Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

26LS30 Datasheet(HTML) 5 Page - ON Semiconductor

  26LS30 Datasheet HTML 1Page - ON Semiconductor 26LS30 Datasheet HTML 2Page - ON Semiconductor 26LS30 Datasheet HTML 3Page - ON Semiconductor 26LS30 Datasheet HTML 4Page - ON Semiconductor 26LS30 Datasheet HTML 5Page - ON Semiconductor 26LS30 Datasheet HTML 6Page - ON Semiconductor 26LS30 Datasheet HTML 7Page - ON Semiconductor 26LS30 Datasheet HTML 8Page - ON Semiconductor 26LS30 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MC26LS30
http://onsemi.com
5
Table 1
Inputs
Outputs
Operation
VCC
VEE
Mode
A
B
C
D
A
B
C
D
Differential
+5.0
Gnd
0
0
0
0
0
0
1
1
0
Differential
(EIA−422−A)
+5.0
Gnd
0
0
0
1
0
0
0
0
0
1
0
1
1
0
1
0
0
1
(EIA 422 A)
0
0
1
X
0
1
0
0
1
1
1
Z
0
Z
0
0
1
1
0
0
X
1
1
0
0
0
1
0
Z
1
Z
0
0
1
1
0
0
0
1
0
0
0
0
0
0
1
1
0
0
1
1
0
0
1
0
0
0
1
0
0
0
1
1
X
0
1
1
0
0
Z
1
Z
Single−Ended
+5.0
−5.0
1
0
0
0
0
0
0
0
0
S g e
ded
(EIA−423−A)
50
50
1
0
1
0
0
0
0
0
0
0
1
0
0
0
0
0
0
(EIA 423 A)
1
1
1
0
0
1
0
0
0
0
1
0
0
1
0
0
0
0
1
1
0
0
1
0
0
1
0
0
0
0
1
0
0
1
0
0
1
1
0
0
0
0
1
0
0
1
0
0
0
0
1
0
0
1
X
0
X
X
X
X
X
X
Z
Z
Z
Z
X = Don’t Care
Z = High Impedance (Off)
Figure 1. Differential Output Test
Figure 2. Single−Ended Output Test
VEE
Mode = 0
VOS
RL
RL/2
RL/2
CL
Vin
(0.8 or 2.0 V)
VCC
VO
VCC
VOD2
Mode = 1
Vin
(0.8 or 2.0 V)
Figure 3. Differential Mode Rise/Fall Time and Data Propagation Delay
NOTES:
1. S.G. set to: f
p 1.0 MHz; duty cycle = 50%; tr, tf, p 10 ns.
2. tSK1 =  tPDH−tPDL for each driver.
3. tSK2 computed by subtracting the shortest tPDH from the longest tPDH of the 2 drivers within a package.
4. tSK3 computed by subtracting the shortest tPDL from the longest tPDL of the 2 drivers within a package.
10%
tPDH
1.5 V
Vin
0 V
10%
50%
90%
tf
tPDL
tr
90%
50%
Vout
1.5 V
+3.0 V
VCC
Vin
S.G.
VOD
500 pF
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com