Electronic Components Datasheet Search
  English  ▼

X  

26LS30 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 26LS30
Description  Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

26LS30 Datasheet(HTML) 1 Page - ON Semiconductor

  26LS30 Datasheet HTML 1Page - ON Semiconductor 26LS30 Datasheet HTML 2Page - ON Semiconductor 26LS30 Datasheet HTML 3Page - ON Semiconductor 26LS30 Datasheet HTML 4Page - ON Semiconductor 26LS30 Datasheet HTML 5Page - ON Semiconductor 26LS30 Datasheet HTML 6Page - ON Semiconductor 26LS30 Datasheet HTML 7Page - ON Semiconductor 26LS30 Datasheet HTML 8Page - ON Semiconductor 26LS30 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2005
March, 2005 − Rev. 2
1
Publication Order Number:
MC26LS30/D
MC26LS30
Dual Differential
(EIA−422−A)/
Quad Single−Ended
(EIA−423−A) Line Drivers
The MC26LS30 is a low power Schottky set of line drivers which
can be configured as two differential drivers which comply with
EIA−422−A standards, or as four single−ended drivers which comply
with EIA−423−A standards. A mode select pin and appropriate choice
of power supplies determine the mode. Each driver can source and
sink currents in excess of 50 mA.
In the differential mode (EIA−422−A), the drivers can be used up to
10 Mbaud. A disable pin for each driver permits setting the outputs
into a high impedance mode within a +10 V common mode range.
In the single−ended mode (EIA−423−A), each driver has a slew rate
control pin which permits setting the slew rate of the output signal so
as to comply with EIA−423−A and FCC requirements and to reduce
crosstalk. When operated from symmetrical supplies (+5.0 V), the
outputs exhibit zero imbalance
The MC26LS30 is available in a 16−pin surface mount package.
Operating temperature range is −40
°C to +85°C.
• Operates as Two Differential EIA−422−A Drivers, or Four
Single−Ended EIA−423−A Drivers
• High Impedance Outputs in Differential Mode
• Short Circuit Current Limit In Both Source and Sink Modes
• ±10 V Common Mode Range on High Impedance Outputs
• ±15 V Range on Inputs
• Low Current PNP Inputs Compatible with TTL, CMOS, and MOS
Outputs
• Individual Output Slew Rate Control in Single−Ended Mode
• Replacement for the AMD AM26LS30 and National Semiconductor
DS3691
• Pb−Free Packages are Available
Representative Block Diagrams
Single−Ended Mode
EIA−423−A
Differential Mode
EIA−422−A
Enable CD
Enable AB
Out D
Out C
Out B
Out A
VCC−1
VEE−8
Input D
Input A
Input A
SR−A
Out A
Gnd−5
Mode−4
SR−B
SR−C
Out D
SR−D
Out C
Out B
Input B
Input C
Input D
Device
Package
Shipping†
ORDERING INFORMATION
MC26LS30D
48 Units/Rail
SO−16
PIN CONNECTIONS
16
1
4
2
5
6
7
8
9
3
10
11
12
13
14
15
Input C/
Enable CD
(Top View)
SR−A
Output A
Output B
Input D
VEE
SR−D
Output D
Output C
SR−C
SR−B
Gnd
VCC
Input A
Mode
Input B/
Enable AB
SO−16
D SUFFIX
CASE 751B
16
1
1
16
MC26LS30D
AWLYWW
MARKING
DIAGRAM
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
MC26LS30DR2
2500 Tape & Reel
SO−16
MC26LS30DG
48 Units/Rail
SO−16
(Pb−Free)
MC26LS30DR2G
2500 Tape & Reel
SO−16
(Pb−Free)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
http://onsemi.com


Similar Part No. - 26LS30

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
26LS31 MOTOROLA-26LS31 Datasheet
77Kb / 4P
Quad Line Driver with NAND Enabled Three-State Outputs
logo
National Semiconductor ...
26LS31 NSC-26LS31 Datasheet
226Kb / 8P
Quad High Speed Differential Line Driver
logo
Texas Instruments
26LS31 TI-26LS31 Datasheet
146Kb / 9P
QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED OCTOBER 1998
26LS31 TI-26LS31 Datasheet
1Mb / 22P
QUADRUPLE DIFFERENTIAL LINE DRIVER
logo
SYC Electronica
26LS31 SYC-26LS31 Datasheet
178Kb / 8P
QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED OCTOBER 1998
More results

Similar Description - 26LS30

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
EIA-485/EIA-422 Quad Differential Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
Quad EIA-422-A Line Receiver CMOS
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
Quad EIA-422-A Line Driver
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
Quad EIA-422-A Line Receiver
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
Quad EIA-422-A Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com