Electronic Components Datasheet Search
  English  ▼

X  

26LS30 Datasheet(PDF) 8 Page - ON Semiconductor

Part # 26LS30
Description  Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

26LS30 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button 26LS30 Datasheet HTML 4Page - ON Semiconductor 26LS30 Datasheet HTML 5Page - ON Semiconductor 26LS30 Datasheet HTML 6Page - ON Semiconductor 26LS30 Datasheet HTML 7Page - ON Semiconductor 26LS30 Datasheet HTML 8Page - ON Semiconductor 26LS30 Datasheet HTML 9Page - ON Semiconductor 26LS30 Datasheet HTML 10Page - ON Semiconductor 26LS30 Datasheet HTML 11Page - ON Semiconductor 26LS30 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MC26LS30
http://onsemi.com
8
Figure 12. Internal Positive Bias Current
versus Load Current
Figure 13. Internal Negative Bias Current
versus Load Current
Figure 14. Short Circuit Current
versus Output Voltage
Figure 15. Short Circuit Current
versus Temperature
Figure 16. Rise/Fall Time versus Capacitance
TOTAL LOAD CURRENT (mA)
IOL
Vin = LoVin = Hi
Single Ended Mode
Mode = 1
VCC = 5.0 V, VEE = −5.0 V
Supply Current = Bias Current + IOH
−80
IOH
−240
0
−160
240
160
80
26
22
18
14
10
TOTAL LOAD CURRENT (mA)
020
85
Single−Ended Mode
Mode = 1
VCC = 5.0 V, VEE = −5.0 V
Supply Current = Bias Current + IOL
0
TA, AMBIENT TEMPERATURE (°C)
10
CC, CAPACITANCE (pF)
Single or Differential Mode
VCC = 5.0 V, VEE = −5.0 V or Gnd
Single−Ended Mode
Mode = 1
VCC = 5.0 V, VEE = −5.0 V
1.0
Vin = LoVin = Hi
50
−40
IOL
−80
−240
0
−160
240
160
80
−5.0
−20
−15
−10
IOH
Normally High Output
Single−Ended Mode
Mode = 1
VCC = 5.0 V, VEE = −5.0 V
Normally Low Output
−100
−20
20
−60
60
100
0
Vza, APPLIED OUTPUT VOLTAGE (V)
−2.0
−4.0
−6.0
2.0
4.0
6.0
Normally Low Output
10 k
10
100
100
1.0 k
40
−110
110
−100
90
70
60
−20
1.0 k
−90
Normally High Output to Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com