Electronic Components Datasheet Search
  English  ▼

X  

M3355 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # M3355
Description  2-INPUT SINGLE VIDEO SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M3355 Datasheet(HTML) 2 Page - Unisonic Technologies

  M3355 Datasheet HTML 1Page - Unisonic Technologies M3355 Datasheet HTML 2Page - Unisonic Technologies M3355 Datasheet HTML 3Page - Unisonic Technologies M3355 Datasheet HTML 4Page - Unisonic Technologies M3355 Datasheet HTML 5Page - Unisonic Technologies M3355 Datasheet HTML 6Page - Unisonic Technologies M3355 Datasheet HTML 7Page - Unisonic Technologies M3355 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UTCM3355
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R124-001,A
EQUIVALENT CIRCUIT
PIN
NO.
PIN
NAME
INSIDE EQUIVALENT CIRCUIT
PIN
NO.
PIN
NAME
INSIDE EQUIVALENT CIRCUIT
1
VIN1
200Ω
VIN1
V
+
15k
200Ω
5
NC
2
SW1
200Ω
SW1
9kΩ
2kΩ
1.1mA
13kΩ
6
V
+
3
VIN2
200Ω
200Ω
VIN2
V
+
15k
7
VOUT
200Ω
VOUT
5mA
4
NC
8
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com