Electronic Components Datasheet Search
  English  ▼

X  

M3355 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M3355
Description  2-INPUT SINGLE VIDEO SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M3355 Datasheet(HTML) 1 Page - Unisonic Technologies

  M3355 Datasheet HTML 1Page - Unisonic Technologies M3355 Datasheet HTML 2Page - Unisonic Technologies M3355 Datasheet HTML 3Page - Unisonic Technologies M3355 Datasheet HTML 4Page - Unisonic Technologies M3355 Datasheet HTML 5Page - Unisonic Technologies M3355 Datasheet HTML 6Page - Unisonic Technologies M3355 Datasheet HTML 7Page - Unisonic Technologies M3355 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UTCM3355
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R124-001,A
2-INPUT SINGLE VIDEO SWITCH
DESCRIPTION
The UTC M3355 is 2-input signal video switch selecting
one of two video or audio signals. Its operating voltage is
4.75 to 13V and bandwidth is 10MHz.Crosstalk is 70dB (at
4.43MHz).It is applied to both NTSC and PAL VTR.
FEATURES
*Operating Voltage: +4.75V ~ +13V
*2 Input-1 Output
*Crosstalk 70dB (at 4.43MHz)
APPLICATION
*VCR, Video Camera AV -TV, Video Disc Player, Audio
DIP-8
SOP-8
TSSOP-8
*Pb-free plating product number: M3355L
PIN CONFIGURATION
Vin1
SW1
N.C.
V+
GND
Vin2
N.C.
Vout
8
7
6
5
4
3
2
1


Similar Part No. - M3355

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M3355 UTC-M3355 Datasheet
169Kb / 6P
2-INPUT SINGLE VIDEO SWITCH
M3355G-D08-T UTC-M3355G-D08-T Datasheet
169Kb / 6P
2-INPUT SINGLE VIDEO SWITCH
M3355G-D08-T UTC-M3355G-D08-T Datasheet
157Kb / 6P
2-INPUT SINGLE VIDEO SWITCH
M3355G-P08-R UTC-M3355G-P08-R Datasheet
169Kb / 6P
2-INPUT SINGLE VIDEO SWITCH
M3355G-P08-R UTC-M3355G-P08-R Datasheet
157Kb / 6P
2-INPUT SINGLE VIDEO SWITCH
More results

Similar Description - M3355

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2233B NJRC-NJM2233B Datasheet
253Kb / 8P
2-INPUT SINGLE VIDEO SWITCH
NJM2283 NJRC-NJM2283 Datasheet
325Kb / 11P
2-INPUT 3CHANNEL VIDEO SWITCH
NJM2503 NJRC-NJM2503 Datasheet
164Kb / 4P
3-INPUT/2-INPUT VIDEO SWITCH
NJM2506 NJRC-NJM2506 Datasheet
342Kb / 10P
3-INPUT/2-INPUT VIDEO SWITCH?
NJM2508 NJRC-NJM2508 Datasheet
338Kb / 10P
3-INPUT/2-INPUT VIDEO SWITCH?
NJM2513 NJRC-NJM2513 Datasheet
191Kb / 4P
3-INPUT/2-INPUT VIDEO SWITCH?
NJM2523 NJRC-NJM2523 Datasheet
190Kb / 4P
3-INPUT 2-INPUT VIDEO SWITCH???
logo
Mitsumi Electronics, Co...
MM1120 MITSUMI-MM1120 Datasheet
126Kb / 5P
2-Input 2-Output Video Switch
logo
Unisonic Technologies
M3355 UTC-M3355_11 Datasheet
169Kb / 6P
2-INPUT SINGLE VIDEO SWITCH
M3355 UTC-M3355_15 Datasheet
157Kb / 6P
2-INPUT SINGLE VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com